Electronic Components Datasheet Search
  English  ▼

X  

TPS62360 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62360
Description  3A Processor Supply with I2C Compatible Interface and Remote Sense
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62360 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS62360 Datasheet HTML 14Page - Texas Instruments TPS62360 Datasheet HTML 15Page - Texas Instruments TPS62360 Datasheet HTML 16Page - Texas Instruments TPS62360 Datasheet HTML 17Page - Texas Instruments TPS62360 Datasheet HTML 18Page - Texas Instruments TPS62360 Datasheet HTML 19Page - Texas Instruments TPS62360 Datasheet HTML 20Page - Texas Instruments TPS62360 Datasheet HTML 21Page - Texas Instruments TPS62360 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
0.001
0.01
0.1
1
10
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
AVIN, TA = −40°C
AVIN, TA = 25°C
AVIN, TA = 125°C
VIN, TA = −40°C
VIN, TA = 25°C
VIN, TA = 125°C
TPS6236x
EN = LOW
G034
10
30
50
70
90
110
130
150
2.5
3.0
3.5
4.0
4.5
5.0
5.5
Input Voltage (V)
TA = −40°C, Auto PFM/PWM
TA = 25°C, Auto PFM/PWM
TA = 125°C, Auto PFM/PWM
TPS6236x
MODE0 = 0 (Auto PFM/PWM)
EN = HIGH
G035
Time Base - 100 s/Div
G030
Inductor Current 1A/Div
TPS62361B
C
= 22 F
V
LOAD
V
= 3.6V
= 1.2V
IN
OUT
I
2A/Div
OUT
V
50mV/Div w/ 1.2V Offset
OUT
Time Base - 20 s/Div
G031
V
20mV/Div w/ 1.2V Offset
OUT
V
1V/Div w/ 4.2V Offset
IN
V
OUT = 1.2V
TPS62361B
C
= 100nF
IN
C
= 22 F
I
LOAD
OUT = 300mA
Inductor Current 200mA/Div
TPS62360, TPS62361B
TPS62362, TPS62363
SLVSAU9C – MAY 2011 – REVISED NOVEMBER 2012
www.ti.com
TYPICAL CHARACTERISTICS (continued)
LOAD TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
IOUT RANGE: 1A to 3A
VIN RANGE: 4.2V to 3.2V
Figure 31.
Figure 32.
SHUTDOWN CURRENT
QUIESCENT CURRENT
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 33.
Figure 34.
18
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Links: TPS62360 TPS62361B TPS62362 TPS62363



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com