Electronic Components Datasheet Search
  English  ▼

X  

KAI-04050 Datasheet(PDF) 5 Page - ON Semiconductor

Part # KAI-04050
Description  INTERLINE CCD IMAGE SENSOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-04050 Datasheet(HTML) 5 Page - ON Semiconductor

  KAI-04050 Datasheet HTML 1Page - ON Semiconductor KAI-04050 Datasheet HTML 2Page - ON Semiconductor KAI-04050 Datasheet HTML 3Page - ON Semiconductor KAI-04050 Datasheet HTML 4Page - ON Semiconductor KAI-04050 Datasheet HTML 5Page - ON Semiconductor KAI-04050 Datasheet HTML 6Page - ON Semiconductor KAI-04050 Datasheet HTML 7Page - ON Semiconductor KAI-04050 Datasheet HTML 8Page - ON Semiconductor KAI-04050 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
KAI-04050 Image Sensor
www.truesenseimaging.com
Revision 5.0 PS-0009 Pg. 5
Summary Specification
KAI-04050 Image Sensor
DESCRIPTION
The KAI-04050 Image Sensor is a 4-megapixel CCD in a 1”
optical format. Based on the TRUESENSE 5.5 micron
Interline Transfer CCD Platform, the sensor features
broad dynamic range, excellent imaging performance,
and a flexible readout architecture that enables use of 1,
2, or 4 outputs. The sensor supports full resolution
readout up to 32 frames per second, while a Region of
Interest (ROI) mode enables partial readout of the sensor
at even higher frame rates. A vertical overflow drain
structure suppresses image blooming and enables
electronic shuttering for precise exposure control.
The sensor is available with the TRUESENSE Sparse Color
Filter Pattern, a technology which provides a 2x
improvement in light sensitivity compared to a standard
color Bayer part.
The sensor shares common pin-out and electrical
configurations with other devices based on the
TRUESENSE 5.5 micron Interline Transfer CCD Platform,
allowing a single camera design to support multiple
members of this sensor family.
FEATURES
Bayer Color Pattern, TRUESENSE Sparse Color
Filter Pattern, and Monochrome configurations
Progressive scan readout
Flexible readout architecture
High frame rate
High sensitivity
Low noise architecture
Excellent smear performance
Package pin reserved for device identification
APPLICATIONS
Industrial Imaging
Medical Imaging
Security
Parameter
Typical Value
Architecture
Interline CCD; Progressive Scan
Total Number of Pixels
2404 (H) x 1800 (V)
Number of Effective Pixels
2360 (H) x 1776 (V)
Number of Active Pixels
2336 (H) x 1752 (V)
Pixel Size
5.5 µm (H) x 5.5 µm (V)
Active Image Size
12.85 mm (H) x 9.64 mm (V)
16.06 mm (diag) 1” optical format
Aspect Ratio
4:3
Number of Outputs
1, 2, or 4
Charge Capacity
20,000 electrons
Output Sensitivity
34 µV/e-
Quantum Efficiency
Pan (-ABA, -QBA, -PBA)
R, G, B (-FBA, -QBA)
R, G, B (-CBA, -PBA)
44%
31%, 37%, 38%
29%, 37%, 39%
Read Noise (f= 40MHz)
12 electrons rms
Dark Current
Photodiode
VCCD
7 electrons/s
100 electrons/s
Dark Current Doubling Temp
Photodiode
VCCD
7 °C
9 °C
Dynamic Range
64 dB
Charge Transfer Efficiency
0.999999
Blooming Suppression
> 300 X
Smear
-100 dB
Image Lag
< 10 electrons
Maximum Pixel Clock Speed
40 MHz
Maximum Frame Rates
Quad Output
Dual Output
Single Output
32 fps
16 fps
8 fps
Package
68 pin PGA
Cover Glass
AR Coated, 2 Sides or
Clear Glass
All parameters are specified at T = 40 ° C unless otherwise noted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com