Electronic Components Datasheet Search
  English  ▼

X  

KAI-04050 Datasheet(PDF) 22 Page - ON Semiconductor

Part # KAI-04050
Description  INTERLINE CCD IMAGE SENSOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-04050 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button KAI-04050 Datasheet HTML 18Page - ON Semiconductor KAI-04050 Datasheet HTML 19Page - ON Semiconductor KAI-04050 Datasheet HTML 20Page - ON Semiconductor KAI-04050 Datasheet HTML 21Page - ON Semiconductor KAI-04050 Datasheet HTML 22Page - ON Semiconductor KAI-04050 Datasheet HTML 23Page - ON Semiconductor KAI-04050 Datasheet HTML 24Page - ON Semiconductor KAI-04050 Datasheet HTML 25Page - ON Semiconductor KAI-04050 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 49 page
background image
KAI-04050 Image Sensor
www.truesenseimaging.com
Revision 5.0 PS-0009 Pg. 22
Operation Conditions for Defect Testing at 27 °C
Description
Condition
Notes
Operational Mode
Two outputs, using VOUTa and VOUTc, continuous readout
HCCD Clock Frequency
20 MHz
Pixels Per Line
2560
1
Lines Per Frame
992
2
Line Time
131.5 μsec
Frame Time
130.4 msec
Photodiode Integration Time
(PD_Tint)
Mode A: PD_Tint = Frame Time = 130.4msec, no electronic shutter used
Mode B: PD_Tint = 33 msec, electronic shutter used
VCCD Integration Time
118.2 msec
3
Temperature
27 °C
Light Source
Continuous red, green and blue LED illumination
4
Operation
Nominal operating voltages and timing
Notes
1.
Horizontal overclocking used
2.
Vertical overclocking used
3.
VCCD Integration Time = 900 lines x Line Time, which is the total time a pixel will spend in the VCCD registers.
4.
For monochrome sensor, only the green LED is used.
Defect Definitions for Testing at 27 °C
Description
Definition
Standard Grade
Grade 2
Notes
Major dark field defective
bright pixel
PD_Tint = Mode A  Defect ≥ 14 mV
or
PD_Tint = Mode B  Defect ≥ 4 mV
40
40
1
Major bright field defective
dark pixel
Defect ≥ 12%
Cluster Defect
A group of 2 to 10 contiguous major defective
pixels, but no more than 2 adjacent defects
horizontally.
8
n/a
2
Cluster Defect
(Grade 2)
A group of 2 to 10 contiguous major defective
pixels
n/a
10
2
Column defect
A group of more than 10 contiguous major
defective pixels along a single column
0
0
2
Notes:
1.
For the color device (KAI-04050-FBA, KAI-04050-CBA, KAI-04050-QBA, or KAI-04050-PBA), a bright field defective pixel
deviates by 12% with respect to pixels of the same color.
2.
Column and cluster defects are separated by no less than two (2) good pixels in any direction (excluding single pixel
defects).
Defect Map
The defect map supplied with each sensor is based upon testing at an ambient (27°C) temperature. Minor point defects
are not included in the defect map. All defective pixels are reference to pixel 1, 1 in the defect maps. See Figure 13:
Regions of Interest for the location of pixel 1, 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com