Electronic Components Datasheet Search
  English  ▼

X  

KAI-04050 Datasheet(PDF) 20 Page - ON Semiconductor

Part # KAI-04050
Description  INTERLINE CCD IMAGE SENSOR
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-04050 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button KAI-04050 Datasheet HTML 16Page - ON Semiconductor KAI-04050 Datasheet HTML 17Page - ON Semiconductor KAI-04050 Datasheet HTML 18Page - ON Semiconductor KAI-04050 Datasheet HTML 19Page - ON Semiconductor KAI-04050 Datasheet HTML 20Page - ON Semiconductor KAI-04050 Datasheet HTML 21Page - ON Semiconductor KAI-04050 Datasheet HTML 22Page - ON Semiconductor KAI-04050 Datasheet HTML 23Page - ON Semiconductor KAI-04050 Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
KAI-04050 Image Sensor
www.truesenseimaging.com
Revision 5.0 PS-0009 Pg. 20
POWER – ESTIMATED
Figure 11: Power
FRAME RATES
Figure 12: Frame Rates
0.0
0.2
0.4
0.6
0.8
1.0
1.2
10
15
20
25
30
35
40
HCCD Frequency (MHz)
Single
Dual
Quad
0
5
10
15
20
25
30
35
40
10
15
20
25
30
35
40
HCCD Frequency (MHz)
0
5
10
15
20
25
30
35
40
Single
Dual (Left/Right)
Quad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com