Electronic Components Datasheet Search
  English  ▼

X  

LM5035 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM5035
Description  PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5035 Datasheet(HTML) 5 Page - Texas Instruments

  LM5035 Datasheet HTML 1Page - Texas Instruments LM5035 Datasheet HTML 2Page - Texas Instruments LM5035 Datasheet HTML 3Page - Texas Instruments LM5035 Datasheet HTML 4Page - Texas Instruments LM5035 Datasheet HTML 5Page - Texas Instruments LM5035 Datasheet HTML 6Page - Texas Instruments LM5035 Datasheet HTML 7Page - Texas Instruments LM5035 Datasheet HTML 8Page - Texas Instruments LM5035 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
LM5035
www.ti.com
SNVS428H – JANUARY 2006 – REVISED OCTOBER 2015
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
NOM
MAX
UNIT
VIN voltage
13
105
V
External voltage applied to VCC
8
15
V
Operating Junction Temperature
–40
125
°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is intended to be functional. For ensured specifications and test conditions, see the Electrical Characteristics.
6.4 Thermal Information
LM5035
THERMAL METRIC(1)
PWP (HTSSOP)
NHZ (WQFN)
UNIT
20 PINS
24 PINS
RθJA
Junction-to-ambient thermal resistance
36.2
30
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
20.6
20.1
°C/W
RθJB
Junction-to-board thermal resistance
17.4
5.5
°C/W
ψJT
Junction-to-top characterization parameter
0.5
0.2
°C/W
ψJB
Junction-to-board characterization parameter
17.2
5.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.6
1.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.5 Electrical Characteristics
VVIN = 48 V, VVCC = 10 V externally applied, RRT = 15.0 kΩ, RDLY = 27.4 kΩ, VUVLO = 3 V, VOVP = 0 V unless otherwise
stated
(1) (2).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
START-UP REGULATOR (VCC PIN)
TJ = 25°C
7.6
VVCC
VCC voltage
IVCC = 10 mA
V
TJ = –40°C to 125°C
7.3
7.9
TJ = 25°C
25
IVCC(LIM)
VCC current limit
VVCC = 7 V
mA
TJ = –40°C to 125°C
20
TJ = 25°C
0.1
VCC undervoltage
VIN = VCC,
ΔVVCC from
VVCCUV
V
threshold (VCC increasing)
the regulation set point
TJ = –40°C to 125°C
0.2
TJ = 25°C
6.2
VCC decreasing
VCC – PGND
V
TJ = –40°C to 125°C
5.5
6.9
TJ = 25°C
30
IVIN
Start-up regulator current
VIN = 90 V, UVLO = 0 V
µA
TJ = –40°C to 125°C
70
Outputs and COMP open,
TJ = 25°C
4
Supply current into VCC
VVCC = 10 V, outputs
mA
from external source
TJ = –40°C to 125°C
6
switching
VOLTAGE REFERENCE REGULATOR (REF PIN)
TJ = 25°C
5
VREF
REF voltage
IREF = 0 mA
V
TJ = –40°C to 125°C
4.85
5.15
TJ = 25°C
25
REF voltage regulation
IREF = 0 to 10 mA
mV
TJ = –40°C to 125°C
50
TJ = 25°C
20
REF current limit
REF = 4.5 V
mA
TJ = –40°C to 125°C
15
(1)
All limits are ensured. All electrical characteristics having room temperature limits are tested during production with TA = 25°C. All hot
and cold limits are ensured by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(2)
Typical specifications represent the most likely parametric norm at 25°C operation.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM5035



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com