Electronic Components Datasheet Search
  English  ▼

X  

LM5035 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LM5035
Description  PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5035 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM5035 Datasheet HTML 21Page - Texas Instruments LM5035 Datasheet HTML 22Page - Texas Instruments LM5035 Datasheet HTML 23Page - Texas Instruments LM5035 Datasheet HTML 24Page - Texas Instruments LM5035 Datasheet HTML 25Page - Texas Instruments LM5035 Datasheet HTML 26Page - Texas Instruments LM5035 Datasheet HTML 27Page - Texas Instruments LM5035 Datasheet HTML 28Page - Texas Instruments LM5035 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 39 page
background image
R2 =
1.25V x R1
VPWR ± 1.25V ± (23 2A x R1)
R1 =
VHYS
23 2A
LM5035
www.ti.com
SNVS428H – JANUARY 2006 – REVISED OCTOBER 2015
The internal gate drivers need a very low impedance path to the respective decoupling capacitors; the VCC cap
for the LO driver and CBOOST for the HO driver. These connections must be as short as possible to reduce
inductance and as wide as possible to reduce resistance. The loop area, defined by the gate connection and its
respective return path, must be minimized.
The high-side gate driver can also be used with HS connected to PGND for applications other than a half bridge
converter (for example, push-pull). The HB pin is then connected to VCC, or any supply greater than the high-
side driver undervoltage lockout (approximately 6.5 V). In addition, the high-side driver can be configured for high
voltage offline applications where the high-side MOSFET gate is driven via a gate drive transformer.
8.2.2.5 Programmable Delay (DLY)
The RDLY resistor programs the delays between the SR1 and SR2 signals and the HO and LO driver outputs.
Figure 14 shows the relationship between these outputs. The DLY pin is nominally set at 2.5 V and the current is
sensed through RDLY to ground. This current is used to adjust the amount of dead time before the HO and LO
pulse (T1) and after the HO and LO pulse (T2). Typically RDLY is in the range of 10 kΩ to 100 kΩ. The dead-time
periods can be calculated using Equation 7 and Equation 8:
T1 = [RDLY × 2.8 ps] + 20 ns
(7)
T2 = [RDLY × 1.35 ps] + 6 ns
(8)
T1 and T2 can be set to minimum by not connecting a resistor to DLY, connecting a resistor greater than 300 k
Ω
from DLY to ground, or connecting DLY to the REF pin. This may cause lower than optimal system efficiency if
the delays through the SR signal transformer network, the secondary gate drivers and the SR MOSFETs are
greater than the delay to turn on the HO or LO MOSFETs. must an SR MOSFET remain on while the opposing
primary MOSFET is supplying power through the power transformer, the secondary winding will experience a
momentary short circuit, causing a significant power loss to occur.
When choosing the RDLY value, worst case propagation delays and component tolerances must be considered to
assure that there is never a time where both SR MOSFETs are enabled AND one of the primary side MOSFETs
is enabled. The time period T1 must be set so that the SR MOSFET has turned off before the primary MOSFET
is enabled. Conversely, T1 and T2 must be kept as low as tolerances allow to optimize efficiency. The SR body
diode conducts during the time between the SR MOSFET turns off and the power transformer begins supplying
energy. Power losses increase when this happens since the body diode voltage drop is many times higher than
the MOSFET channel voltage drop. The interval of body diode conduction can be observed with an oscilloscope
as a negative 0.7 V to 1.5 V pulse at the SR MOSFET drain.
8.2.2.6 UVLO and OVP Voltage Divider Selection for R1, R2, and R3
Two dedicated comparators connected to the UVLO and OVP pins are used to detect undervoltage and
overvoltage conditions. The threshold value of these comparators, VUVLO and VOVP, is 1.25 V (typical). The two
functions can be programmed independently with two voltage dividers from VIN to AGND as shown in Figure 20
and Figure 21, or with a three-resistor divider as shown in Figure 22. Independent UVLO and OVP pins provide
greater flexibility for the user to select the operational voltage range of the system. Hysteresis is accomplished by
23-µA current sources (IUVLO and IOVP), which are switched on or off into the sense pin resistor dividers as the
comparators change state.
When the UVLO pin voltage is below 0.4 V, the controller is in a low current shutdown mode. For a UVLO pin
voltage greater than 0.4 V but less than 1.25 V the controller is in standby mode. Once the UVLO pin voltage is
greater than 1.25 V, the controller is fully enabled. Two external resistors can be used to program the minimum
operational voltage for the power converter as shown in Figure 20. When the UVLO pin voltage falls below the
1.25-V threshold, an internal 23-µA current sink is enabled to lower the voltage at the UVLO pin, thus providing
threshold hysteresis. Resistance values for R1 and R2 can be determined from Equation 9 and Equation 10.
(9)
where
•
VPWR is the desired turnon voltage
•
VHYS is the desired UVLO hysteresis at VPWR
(10)
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM5035



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com