Electronic Components Datasheet Search
  English  ▼

X  

LM5035 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM5035
Description  PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5035 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM5035 Datasheet HTML 7Page - Texas Instruments LM5035 Datasheet HTML 8Page - Texas Instruments LM5035 Datasheet HTML 9Page - Texas Instruments LM5035 Datasheet HTML 10Page - Texas Instruments LM5035 Datasheet HTML 11Page - Texas Instruments LM5035 Datasheet HTML 12Page - Texas Instruments LM5035 Datasheet HTML 13Page - Texas Instruments LM5035 Datasheet HTML 14Page - Texas Instruments LM5035 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
LOGIC
VCC
SS
OSCILLATOR
CLK
HS
PWM
REF
FEED-FORWARD RAMP
CS
RAMP
HO
DRIVER
HB
LO
COMP
UVLO
RES
DRIVER
REF
SHUTDOWN
Timer
SR1
SR2
DLY
OVP
LOGIC
S
R
Q
D
Q
T
Q
Q
AGND
PGND
SLOPE
PROPORTIONAL
TO VIN
RESTART DELAY
SHUTDOWN
SOFT-STOP
SOFT-START
55 2A
+5V
CLK + LEB
0.25V
1.2 2A
1 mA
55 2A
CLK
+5V
2.5V
12 2A
22 2A
NON-CURRENT
LIMIT CYCLE
CURRENT
LIMIT
CYCLE
VCC
VCC
VCC
2.5V
MAX V*S
CLAMP
1V
VIN
5V
Reference
VCC/REF
UVLO
7.6V SERIES
REGULATOR
THERMAL
LIMIT
(165ºC)
5k
SS
SS Buffer
(Sink Only)
1:1
RT/SYNC
UVLO-STANDBY
OVP-STANDBY
1.25V
+5V
23 2A
23 2A
1.25V
0.4V
OVP-Standby
Shutdown
UVLO-
Standby
Soft-Start
Hiccup
SS
LM5035
www.ti.com
SNVS428H – JANUARY 2006 – REVISED OCTOBER 2015
7.2 Functional Block Diagram
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM5035



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com