Electronic Components Datasheet Search
  English  ▼

X  

LM5035 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM5035
Description  PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5035 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM5035 Datasheet HTML 12Page - Texas Instruments LM5035 Datasheet HTML 13Page - Texas Instruments LM5035 Datasheet HTML 14Page - Texas Instruments LM5035 Datasheet HTML 15Page - Texas Instruments LM5035 Datasheet HTML 16Page - Texas Instruments LM5035 Datasheet HTML 17Page - Texas Instruments LM5035 Datasheet HTML 18Page - Texas Instruments LM5035 Datasheet HTML 19Page - Texas Instruments LM5035 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 39 page
background image
RT =
x 6.25 x 10
9
1
FOSC
¨
©
§
- 110 ns
RFF x CFF =
TON + 10%
In 1-
2.5V
VIN
¨
©
§
-1
2.5
Ps + 0.25 Ps
In 1-
2.5V
48V
¨
©
§
-1
=
= 51.4
Ps
LM5035
SNVS428H – JANUARY 2006 – REVISED OCTOBER 2015
www.ti.com
Feature Description (continued)
7.3.10 Feedforward Ramp and Volt-Second Clamp
An external resistor (RFF) and capacitor (CFF) connected to VIN, AGND, and the RAMP pin are required to create
the PWM ramp signal. The slope of the signal at RAMP will vary in proportion to the input line voltage. This
varying slope provides line feedforward information necessary to improve line transient response with voltage
mode control. The RAMP signal is compared to the error signal by the pulse width modulator comparator to
control the duty cycle of the HO and LO outputs. With a constant error signal, the on-time (TON) varies inversely
with the input voltage (VIN) to stabilize the volt-second product of the transformer primary signal. The power path
gain of conventional voltage-mode pulse-width modulators (oscillator generated ramp) varies directly with input
voltage. The use of a line generated ramp (input voltage feedforward) nearly eliminates this gain variation. As a
result, the feedback loop is only required to make very small corrections for large changes in input voltage.
In addition to the PWM comparator, a volt-second clamp comparator also monitors the RAMP pin. If the ramp
amplitude exceeds the 2.5-V threshold of the volt-second clamp comparator, the on-time is terminated. The CFF
ramp capacitor is discharged by an internal 32-
Ω discharge MOSFET controlled by the volt-second clamp
comparator. If the RAMP signal does not exceed 2.5 V before the end of the clock period, the internal clock will
enable the discharge MOSFET to reset capacitor CFF.
By proper selection of RFF and CFF values, the maximum on-time of HO and LO can be set to the desired
duration. The on-time set by the volt-second clamp varies inversely to the line voltage because the RAMP
capacitor is charged by a resistor (RFF) connected to VIN, while the threshold of the clamp is a fixed voltage
(2.5 V). An example will illustrate the use of the volt-second clamp comparator to achieve a 50% duty cycle limit
at 200 kHz with a 48-V line input. A 50% duty cycle at a 200 kHz requires a 2.5-µs on-time. To achieve this
maximum on-time clamp level, use Equation 1:
(1)
The recommended capacitor value range for CFF is 100 pF to 1000 pF. A standard value of 470 pF can be paired
with 110 k
Ω to approximate the desired 51.4-µs time constant. If load-transient response is slowed by the 10%
margin, the RFF value can be increased. The system signal-to-noise will be slightly decreased by increasing
RFF × CFF.
7.3.11 Oscillator, Sync Capability
The LM5035 oscillator frequency is set by a single external resistor connected between the RT and AGND pins.
To set a desired oscillator frequency, the necessary RT resistor is calculated from Equation 2:
(2)
For example, if the desired oscillator frequency is 400 kHz (HO and LO each switching at 200 kHz) a 15-k
Ω
resistor would be the nearest standard one percent value.
Each output (HO, LO, SR1 and SR2) switches at half the oscillator frequency. The voltage at the RT pin is
internally regulated to a nominal 2 V. The RT resistor must be located as close as possible to the IC and
connected directly to the pins (RT and AGND). The tolerance of the external resistor and the frequency tolerance
indicated in the Electrical Characteristics must be taken into account when determining the worst-case frequency
range.
16
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LM5035



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com