Electronic Components Datasheet Search
  English  ▼

X  

HDV24VL Datasheet(PDF) 7 Page - AMIC Technology

Part # HDV24VL
Description  2.8 Volt x16 Very Low Power Dual-Port Static RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

HDV24VL Datasheet(HTML) 7 Page - AMIC Technology

Back Button HDV24VL Datasheet HTML 3Page - AMIC Technology HDV24VL Datasheet HTML 4Page - AMIC Technology HDV24VL Datasheet HTML 5Page - AMIC Technology HDV24VL Datasheet HTML 6Page - AMIC Technology HDV24VL Datasheet HTML 7Page - AMIC Technology HDV24VL Datasheet HTML 8Page - AMIC Technology HDV24VL Datasheet HTML 9Page - AMIC Technology HDV24VL Datasheet HTML 10Page - AMIC Technology HDV24VL Datasheet HTML 11Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
© 2003 High Bandwidth Access, Inc. All rights reserved. Product specifications subject to change without notice.
HDV24VL
October 2003
ADP II
3HD166B
Page 7 of 7
70V24VL55I
Symbol
Parameter
Min.
Max.
Unit
Read Cycle
tRC
Read Cycle Time
55
-
MHz
tAA
Address Access Time
-
55
ns
tACE
Chip Enable Access Time
-
55
ns
tABE
Byte Enable Access Time
-
55
ns
tAOE
Output Enable Access Time
-
30
ns
tOH
Output Hold from A ddress Change
3
-
ns
tLZ
Output Low-Z Time
3
-
ns
tHZ
Output High-Z Time
-
25
ns
tPU
Chip Enable to Power Up Time
0
-
ns
tPD
Chip Disable to Power Down Time
-
50
ns
tSOP
Semaphore Flag Update Pulse
15
-
ns
tSAA
Semaphore Address Access Time
-
55
ns
Write Cycle
tWC
Write Cycle Time
55
-
ns
tEW
Chip Enable to End-of-Write
45
-
ns
tAW
Address Valid to End-of-Write
45
-
ns
tAS
Address Set-up Time
0
-
ns
tWP
Write Pulse Width
40
-
ns
tWR
Write Recovery Time
0
-
ns
tDW
Data Valid to End-of-Write
30
-
ns
tHZ
Output High-Z Time
-
25
ns
tDH
Data Hold Time
0
-
ns
tWZ
Write Enable to Output in High-Z
-
25
ns
tOW
Output Active from End-of-Write
0
-
ns
tSWRD
SEM
________
Flag Write to Read T ime
5
-
ns
tSPS
SEM
________
Flag Contention Window
5
-
ns
Interrupt Timing
tAS
Address Set-up Time
0
-
ns
tWR
Write Recover Time
0
-
tINS
Interrupt Set Time
-
40
ns
tINR
Interrupt Reset Time
-
40
ns
Table 5. AC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com