Electronic Components Datasheet Search
  English  ▼

X  

HDV24VL Datasheet(PDF) 5 Page - AMIC Technology

Part # HDV24VL
Description  2.8 Volt x16 Very Low Power Dual-Port Static RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

HDV24VL Datasheet(HTML) 5 Page - AMIC Technology

  HDV24VL Datasheet HTML 1Page - AMIC Technology HDV24VL Datasheet HTML 2Page - AMIC Technology HDV24VL Datasheet HTML 3Page - AMIC Technology HDV24VL Datasheet HTML 4Page - AMIC Technology HDV24VL Datasheet HTML 5Page - AMIC Technology HDV24VL Datasheet HTML 6Page - AMIC Technology HDV24VL Datasheet HTML 7Page - AMIC Technology HDV24VL Datasheet HTML 8Page - AMIC Technology HDV24VL Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2003 High Bandwidth Access, Inc. All rights reserved. Product specifications subject to change without notice.
HDV24VL
October 2003
ADP II
3HD166B
Page 5 of 5
Table 1. Pin Descriptions
Left Port
Right Port
Name
CE
_____
L
CE
_____
R
Chip Enable
R/W
____
L
R/W
____
R
Read/Write Enable
OE
_____
L
OE
_____
R
Output Enable
A0L-11L
A0R-11R
Address
I/O0-15L
I/O0-15R
Data Inputs/ Output
SEM
__________
L
SEM
__________
R
Semaphore Enable
UB
______
L
UB
______
R
Upper Byte Select
LB
_____
L
LB
_____
R
Lower Byte Select
INTF
________
L
INTF
________
R
Interrupt Flag
BUSY
__________
L
BUSY
__________
R
Busy Flag
M/S
___
Master or Slave Select
VCC
Power
GND
Ground
NOTES:
1.
Absolute Max Ratings are for reference only. Permanent damage to the device may occur if
extended period of operation is outside this range. Standard operation should fall within the
Recommended Operating Conditions
.
2.
VTERM must not exceed VCC+0.3V for more than 25% of the cycle time or 10ns
maximum , and is limited to <+ 20Ma for the period over VTERM =VDD+ 0.3V.
Table 2. Absolute Maximum Ratings
Symbol
Rating
Com & Ind
Unit
VTERM
Terminal Voltage with
respect to GND
-0.5 to + 4.6
V
TBIAS
Temperature Under Bias
-55 to +125
°C
TSTG
Storage Temperature
-65 to +150
°C
IOUT
DC Output Current
-50 to +50
mA
Symbol
Parameter
Min.
Typ.
Max.
Unit
Recommended Operating Conditions
VCC
Supply Voltage
2.6
2.8
3.0
V
GND
Ground Voltage
0
0
0
V
VIH
Input High Voltage
2.0
-
Vcc+0.3
V
VIL
Input Low Voltage
-0.3
-
0.8
V
TA(1)
Operating Temperature
Industrial
-40
-
85
°C
DC Electrical Characteristics
ILI(1)
Input Leakage Current
(VCC=2.8V, VIN=0V to VCC)
-
-
10
µA
ILO
Output Leakage Current (CE
_____
=VIH, VOUT=0V to VCC)
-
-
10
µA
VOH
Output Logic “1” Voltage,
IOH=-4mA
2.0
-
-
V
VOL
Output Logic “0” Voltage, IOL
= 4mA
-
-
0.4
V
Capacitance at 1.0MHz Ambient Temperature (25°C)
Symbol
Parameter
Conditions
Max.
Unit
CIN
(2)
Input Capacitance
VIN= 3dV
9
pF
COUT
(2)
Output Capacitance
VOUT= 3dV
10
pF
NOTES:
1.
TA is the “instant on” case temperature.
2.
CIN and COUT are determined by device characterization , not production tested.
Table 3. Operating conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com