Electronic Components Datasheet Search
  English  ▼

X  

HDV24VL Datasheet(PDF) 1 Page - AMIC Technology

Part # HDV24VL
Description  2.8 Volt x16 Very Low Power Dual-Port Static RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

HDV24VL Datasheet(HTML) 1 Page - AMIC Technology

  HDV24VL Datasheet HTML 1Page - AMIC Technology HDV24VL Datasheet HTML 2Page - AMIC Technology HDV24VL Datasheet HTML 3Page - AMIC Technology HDV24VL Datasheet HTML 4Page - AMIC Technology HDV24VL Datasheet HTML 5Page - AMIC Technology HDV24VL Datasheet HTML 6Page - AMIC Technology HDV24VL Datasheet HTML 7Page - AMIC Technology HDV24VL Datasheet HTML 8Page - AMIC Technology HDV24VL Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 2003 High Bandwidth Access, Inc. All rights reserved. Product specifications subject to change without notice.
HDV24VL
October 2003
ADP II
3HD166B
Page 1 of 1
o
2.8 Volt x16 Very Low Power Dual-Port Static RAM
Memory
Device
4K x 16
HDV24VL
Key Features:
•
Very low power true Dual-Port Static RAM with high speed access
•
Simultaneous memory access through two ports
•
LVTTL compatible; 2.8V power supply
•
Bus Width can easily expand to over 16 bits by using both MASTER and SLAVE select function
•
Interrupt, Semaphore, and Busy Logic
•
Supports Interrupt and Semaphore arbitration schemes
•
Available packages: 108 ball 8mmx8mm 0.5mm pitch BGA and 84 ball 7mmx7mm 0.5mm pitch BGA
•
(-40
°C to 85°C) Industrial operating temperature available for access time of 55ns
Product Description:
The HDV24VL Dual-Port Static RAM offers industry leading CMOS process technology and 4K x 16 memory configuration.
The device supports two memory ports with independent control, address, and I/O pins that enable simultaneous, asynchronous
access to any location in memory. System designer has full flexibility of implementing deeper and wider memory using the depth
and width expansion features.
The HDV24VL is a stand alone 4K x 16 Asynchronous Dual-Port SRAM. For 32 bits or more bus width, the MASTER/SLAVE
pin offers bus width expansion without additional discrete logic. Bus width expansion can easily be done without external logic.
The device has low power consumption, hence minimizing system power requirements. It is ideal for applications such as data
communication, telecommunication, multiprocessing, test equipment, network switching, etc.


Similar Part No. - HDV24VL

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDV26000323301 SHOULDER-HDV26000323301 Datasheet
176Kb / 3P
Frequency Tolerence at 25?
More results

Similar Description - HDV24VL

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70P258 IDT-IDT70P258 Datasheet
351Kb / 23P
VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09269A CYPRESS-CY7C09269A Datasheet
338Kb / 17P
16K x16/18 Synchronous Dual Port Static RAM
logo
Integrated Device Techn...
IDT70P257 IDT-IDT70P257 Datasheet
295Kb / 23P
VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09279 CYPRESS-CY7C09279_02 Datasheet
350Kb / 18P
32K/64K x16/18 Synchronous Dual Port Static RAM
logo
Integrated Device Techn...
IDT70P257 IDT-IDT70P257_09 Datasheet
169Kb / 23P
VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
IDT70P258 IDT-IDT70P258_09 Datasheet
174Kb / 23P
VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70P256 RENESAS-IDT70P256 Datasheet
465Kb / 24P
VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
IDT70P257 RENESAS-IDT70P257 Datasheet
463Kb / 24P
VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
IDT70P258 RENESAS-IDT70P258 Datasheet
360Kb / 24P
VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
IDT70P264 RENESAS-IDT70P264 Datasheet
353Kb / 15P
VERY LOW POWER 1.8V 16K/8K/4K x 16 DUAL-PORT STATIC RAM
FEBRUARY 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com