Electronic Components Datasheet Search
  English  ▼

X  

HDV24VL Datasheet(PDF) 3 Page - AMIC Technology

Part # HDV24VL
Description  2.8 Volt x16 Very Low Power Dual-Port Static RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

HDV24VL Datasheet(HTML) 3 Page - AMIC Technology

  HDV24VL Datasheet HTML 1Page - AMIC Technology HDV24VL Datasheet HTML 2Page - AMIC Technology HDV24VL Datasheet HTML 3Page - AMIC Technology HDV24VL Datasheet HTML 4Page - AMIC Technology HDV24VL Datasheet HTML 5Page - AMIC Technology HDV24VL Datasheet HTML 6Page - AMIC Technology HDV24VL Datasheet HTML 7Page - AMIC Technology HDV24VL Datasheet HTML 8Page - AMIC Technology HDV24VL Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
© 2003 High Bandwidth Access, Inc. All rights reserved. Product specifications subject to change without notice.
HDV24VL
October 2003
ADP II
3HD166B
Page 3 of 3
A
B
C
D
E
F
G
H
J
K
1
2
3
4
5
6
7
8
9
10
I/O7L
I/O10L
I/O11L
I/O13L
I/O12L
I/O15L
I/O14L
VCC
I/O5L
I/O8L
I/O9L
GND
GND
I/O4L
I/O6L
I/O2L
I/O3L
I/O0L
I/O1L
GND
I/O0R
I/O1R
I/O3R
I/O5R
I/O6R
I/O8R
I/O2R
I/O4R
I/O7R
I/O9R
I/O11R
I/O12R
I/O10R
I/O13R
I/O15R
I/O14R
OER
SEMR
R/WR
UBR
CER
LBR
SEML
CEL
R/WL
OEL
UBL
LBL
A11L
A9L
A10L
A8L
A7L
A5L
A6L
A3L
A4L
A2L
BUSYL
A11R
A8R
A6R
A4R
A10R
A9R
A7R
A2R
A5R
A1R
A3R
A0R
A0L
INTFL
M/S
INTFR
BUSYR
A1L
HDV24VL
BZ108
Top View
VCC
VCC
GND
GND
VCC
VCC
GND
11
12
13
14
NC
L
M
N
P
NC
NC
NC
NC
NC
NC
NC
NC
VCC
NC
VCC
GND
GND
GND
VCC
GND
VCC
NC
GND
GND
GND
NC
VCC
Top View
Figure 3.108-Ball 0.5mm Pitch BGA (Order code: BZ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com