Electronic Components Datasheet Search
  English  ▼

X  

OPA378 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA378
Description  Low-Noise, 900kHz, RRIO,Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA378 Datasheet(HTML) 4 Page - Texas Instruments

  OPA378_15 Datasheet HTML 1Page - Texas Instruments OPA378_15 Datasheet HTML 2Page - Texas Instruments OPA378_15 Datasheet HTML 3Page - Texas Instruments OPA378_15 Datasheet HTML 4Page - Texas Instruments OPA378_15 Datasheet HTML 5Page - Texas Instruments OPA378_15 Datasheet HTML 6Page - Texas Instruments OPA378_15 Datasheet HTML 7Page - Texas Instruments OPA378_15 Datasheet HTML 8Page - Texas Instruments OPA378_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
OPA378
OPA2378
SBOS417D – JANUARY 2008 – REVISED OCTOBER 2009
www.ti.com
ELECTRICAL CHARACTERISTICS: VS = +2.2V to +5.5V (continued)
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RL = 10kΩ connected to VS/2, VCM = VS/2, and VOUT = VS/2, unless otherwise noted.
OPA378, OPA2378
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Voltage Output Swing from Rail,
VO
RL = 10kΩ
6
8
mV
OPA378
over Temperature
RL = 10kΩ
8
13
mV
Voltage Output Swing from Rail,
VO
RL = 10kΩ
6
10
mV
OPA2378
over Temperature
RL = 10kΩ
8
15
mV
Voltage Output Swing from Rail
RL = 100kΩ
0.7
2
mV
over Temperature
RL = 100kΩ
3
mV
Short-Circuit Current
ISC
±30
mA
Capacitive Load Drive
CLOAD
See Figure 18
pF
Open-Loop Output Impedance
ZO
See Figure 23
Ω
POWER SUPPLY
Specified Voltage Range
VS
2.2
5.5
V
Quiescent Current (per Amplifier)
IQ
IO = 0mA, VS = +5.5V
125
150
μA
over Temperature
165
μA
TEMPERATURE RANGE
Specified Range
–40
+125
°C
Operating Range
–55
+150
°C
Thermal Resistance
θJA
°C/W
SOT23-5
200
°C/W
SC70-5
250
°C/W
SOT23-8
100
°C/W
4
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): OPA378 OPA2378



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com