Electronic Components Datasheet Search
  English  ▼

X  

OPA378 Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA378
Description  Low-Noise, 900kHz, RRIO,Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA378 Datasheet(HTML) 5 Page - Texas Instruments

  OPA378_15 Datasheet HTML 1Page - Texas Instruments OPA378_15 Datasheet HTML 2Page - Texas Instruments OPA378_15 Datasheet HTML 3Page - Texas Instruments OPA378_15 Datasheet HTML 4Page - Texas Instruments OPA378_15 Datasheet HTML 5Page - Texas Instruments OPA378_15 Datasheet HTML 6Page - Texas Instruments OPA378_15 Datasheet HTML 7Page - Texas Instruments OPA378_15 Datasheet HTML 8Page - Texas Instruments OPA378_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Time(1s/div)
1
Frequency(Hz)
10
100
1k
10k
1k
100
10
1
CurrentNoise
VoltageNoise
ContinueswithNo1/f(flicker)Noise
OffsetVoltage( V)
m
V =5.5V
S
|OffsetVoltageDrift|( V/ C)
m
°
V =5.5V
S
OPA378
OPA2378
www.ti.com
SBOS417D – JANUARY 2008 – REVISED OCTOBER 2009
TYPICAL CHARACTERISTICS
At TA = +25°C, RL = 10kΩ, VS = +5.5V and VOUT = VS/2, unless otherwise noted.
INPUT CURRENT AND VOLTAGE NOISE
0.1Hz TO 10Hz NOISE
SPECTRAL DENSITY vs FREQUENCY
Figure 1.
Figure 2.
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
OFFSET VOLTAGE DRIFT DISTRIBUTION
Figure 3.
Figure 4.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): OPA378 OPA2378



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com