Electronic Components Datasheet Search
  English  ▼

X  

OPA378 Datasheet(PDF) 12 Page - Texas Instruments

Part # OPA378
Description  Low-Noise, 900kHz, RRIO,Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA378 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA378_15 Datasheet HTML 8Page - Texas Instruments OPA378_15 Datasheet HTML 9Page - Texas Instruments OPA378_15 Datasheet HTML 10Page - Texas Instruments OPA378_15 Datasheet HTML 11Page - Texas Instruments OPA378_15 Datasheet HTML 12Page - Texas Instruments OPA378_15 Datasheet HTML 13Page - Texas Instruments OPA378_15 Datasheet HTML 14Page - Texas Instruments OPA378_15 Datasheet HTML 15Page - Texas Instruments OPA378_15 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
R
F
Op-Amp
Core
R
I
R
L
V
(1)
IN
I
D
-In
Out
+In
ESDCurrent-
SteeringDiodes
Edge-TriggeredESD
AbsorptionCircuit
+V
S
+V
-V
-V
S
OPA378
ESD
ESD
ESD
ESD
V+
V-
OPA378
OPA2378
SBOS417D – JANUARY 2008 – REVISED OCTOBER 2009
www.ti.com
ELECTRICAL OVERSTRESS
It is helpful to have a good understanding of this
basic ESD circuitry and its relevance to an electrical
Designers often ask questions about the capability of
overstress event. Figure 30 shows the ESD circuits
an
operational
amplifier
to
withstand
electrical
contained in the OPA378 (indicated by the dashed
overstress. These questions tend to focus on the
line area). The ESD protection circuitry involves
device inputs, but may involve the supply voltage pins
several current-steering diodes connected from the
or even the output pin. Each of these different pin
input and output pins and routed back to the internal
functions have electrical stress limits determined by
power-supply lines, where they meet at an absorption
the
voltage
breakdown
characteristics
of
the
device internal to the operational amplifier. This
particular semiconductor fabrication process and
protection circuitry is intended to remain inactive
specific circuits connected to the pin. Additionally,
during normal circuit operation.
internal electrostatic discharge (ESD) protection is
built
into
these
circuits
to
protect
them
from
accidental ESD events both before and during
product assembly.
(1) VIN = +VS + 500mV.
Figure 30. Equivalent Internal ESD Circuitry and Its Relation to a Typical Circuit Application
12
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): OPA378 OPA2378



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com