Electronic Components Datasheet Search
  English  ▼

X  

OPA378 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA378
Description  Low-Noise, 900kHz, RRIO,Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA378 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA378_15 Datasheet HTML 3Page - Texas Instruments OPA378_15 Datasheet HTML 4Page - Texas Instruments OPA378_15 Datasheet HTML 5Page - Texas Instruments OPA378_15 Datasheet HTML 6Page - Texas Instruments OPA378_15 Datasheet HTML 7Page - Texas Instruments OPA378_15 Datasheet HTML 8Page - Texas Instruments OPA378_15 Datasheet HTML 9Page - Texas Instruments OPA378_15 Datasheet HTML 10Page - Texas Instruments OPA378_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
2000
1500
1000
500
0
500
1000
1500
2000
-
-
-
-
-
75
Temperature(°C)
0
-
25
25
50
100
75
125
150
-
50
InputCommon-ModeVoltage(V)
1.0
400
300
200
100
0
100
200
300
400
-
-
-
-
2.0
3.0
4.0
5.0
-0.5
-I
B
+I
B
5.5
0
0.5
1.5
2.5
3.5
4.5
V (V)
S
2.0
5.5
200
175
150
125
100
75
2.5
3.0
3.5
4.0
4.5
5.0
Temperature(°C)
-
75
-
25
150
200
175
150
125
100
75
0
25
50
75
100
125
-
50
OutputCurrent(mA)
0
2
20
3
2
1
0
-1
-2
-3
4
6
8
10
12
14
16
18
-40°C
+25 C
°
+125 C
°
-40°C
+25 C
°
+125 C
°
+125 C
°
+25 C
°
-40°C
V = 1.1
S
±
V+=+2.75
V = 2.75
-
-
Frequency(Hz)
1k
10k
1M
100k
10M
6
5
4
3
2
1
0
V =5.5V
S
V =2.2V
S
OPA378
OPA2378
www.ti.com
SBOS417D – JANUARY 2008 – REVISED OCTOBER 2009
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RL = 10kΩ, VS = +5.5V and VOUT = VS/2, unless otherwise noted.
INPUT BIAS CURRENT
INPUT BIAS CURRENT
vs INPUT COMMON-MODE VOLTAGE
vs TEMPERATURE
Figure 11.
Figure 12.
QUIESCENT CURRENT
QUIESCENT CURRENT
vs SUPPLY VOLTAGE
vs TEMPERATURE
Figure 13.
Figure 14.
OUTPUT VOLTAGE SWING
MAXIMUM OUTPUT VOLTAGE
vs OUTPUT CURRENT
vs FREQUENCY
Figure 15.
Figure 16.
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA378 OPA2378



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com