Electronic Components Datasheet Search
  English  ▼

X  

OPA378 Datasheet(PDF) 2 Page - Texas Instruments

Part # OPA378
Description  Low-Noise, 900kHz, RRIO,Precision OPERATIONAL AMPLIFIER Zer첩-Drift Series
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA378 Datasheet(HTML) 2 Page - Texas Instruments

  OPA378_15 Datasheet HTML 1Page - Texas Instruments OPA378_15 Datasheet HTML 2Page - Texas Instruments OPA378_15 Datasheet HTML 3Page - Texas Instruments OPA378_15 Datasheet HTML 4Page - Texas Instruments OPA378_15 Datasheet HTML 5Page - Texas Instruments OPA378_15 Datasheet HTML 6Page - Texas Instruments OPA378_15 Datasheet HTML 7Page - Texas Instruments OPA378_15 Datasheet HTML 8Page - Texas Instruments OPA378_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
1
2
3
5
4
V+
+In
V-
-In
Out
OPA378
SC70-5
(TOPVIEW)
1
2
3
5
4
V+
-In
Out
V-
+In
OPA378
SOT23-5
(TOPVIEW)
1
2
3
4
8
7
6
5
V+
OutB
-InB
+InB
OutA
-InA
+InA
V-
A
B
OPA2378
SOT23-8
(TOPVIEW)
OPA378
OPA2378
SBOS417D – JANUARY 2008 – REVISED OCTOBER 2009
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE INFORMATION(1)
PRODUCT
PACKAGE-LEAD
PACKAGE DESIGNATOR
PACKAGE MARKING
OPA378
SOT23-5
DBV
OAZI
OPA378
SC70-5
DCK
BTS
OPA2378
SOT23-8
DCN
OCAI
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
OPA378, OPA2378
UNIT
Supply Voltage, VS = (V+) – (V–)
+7
V
Voltage(2)
(V–) – 0.3
≤ VIN ≤ (V+) + 0.3
V
Signal Input Terminals
Current(2)
±10
mA
Output Short-Circuit(3)
Continuous
Operating Temperature, TA
–55 to +150
°C
Storage Temperature, TA
–65 to +150
°C
Junction Temperature, TJ
+150
°C
Human Body Model (HBM)
4000
V
ESD Ratings
Charged Device Model (CDM)
1000
V
Machine Model (MM)
200
V
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
Input terminals are diode-clamped to the power-supply rails. Input signals that can swing more than 0.3V beyond the supply rails should
be current limited to 10mA or less.
(3)
Short-circuit to ground, one amplifier per package.
PIN CONFIGURATIONS
2
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): OPA378 OPA2378



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com