Electronic Components Datasheet Search
  English  ▼

X  

SM5050AV Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # SM5050AV
Description  Single-output Clock Generator IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5050AV Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  SM5050AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SM5050A
NIPPON PRECISION CIRCUITS—3
OUTPUT FREQUENCY SETTINGS
Note: The output frequency range is 100 to 166.6MHz. The master clock frequency can be adjusted to any value within the range 20 to 40MHz,
so the master clock frequency and multiplier should be selected such that the output frequency is within the output frequency range.
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V
Recommended Operating Conditions
VSS = 0V, fOUT = 100 to 166.6MHz, CL = 15pF
Program inputs
Multiplier ratio
Master clock
frequency [MHz]
Output frequency
[MHz]
Supply voltag e [V]
P0
P1
LO W
L O W
× 4
25.00
1 0 0
2.7 to 3.6
L O W
HIGH
× 4.25
25.00
106.25
HIGH
L O W
× 5
25.00
1 2 5
26.66
133.3
3.0 to 3.6
HIGH
HIGH
× 6.25
24.8832
155.52
26.66
166.6
P arameter
Symbol
Condition
Rating
Unit
Supply voltage range
V DD
−0.5 to 6.0
V
Input voltage range
V IN
−0.5 to V
DD + 0.5
V
Output voltage range
V OUT
−0.5 to V
DD + 0.5
V
Storage temperature range
T stg
CF5050A
−65 to 150
°C
SM5050AV
−55 to 125
°C
Operating temperature range
Topr
−40 to 85
°C
Output current
IOUT
25
m A
P ow er dissipation
P D
SM5050AV
1 5 0
m W
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Operating supply voltage
V DD
fOUT ≤ 125MHz
2.7
–
3.6
V
fOUT ≤ 166.6MHz
3.0
–
3.6
Input voltage
V IN
V SS
–V DD
V
Operating temperature
Topr
−20
–
8 0
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com