Electronic Components Datasheet Search
  English  ▼

X  

SM5050AV Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM5050AV
Description  Single-output Clock Generator IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5050AV Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

  SM5050AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
SM5050A
NIPPON PRECISION CIRCUITS—6
MEASUREMENT CIRCUITS
Measurement Circuit 1
Measurement Circuit 2
Measurement Circuit 3
Measurement Circuit 4
Load Circuit 1
VDDQ
VSSQ
XT
Q
X'tal
XTN
INHN
IDD
IST
A
VSS
VDD
VDDQ
VSSQ
P0, P1,
INHN
VSS
VDD
IPR
VIH
VIL
VDD
IPR
(VIL = 0V)
RUP2 =
IPR
VDD = 3.0V
VIH = 2.1V
VDD VIH
RUP1 =
3.0V
V
A
VDDQ
VSSQ
XT
XTN
A
VSS
VDD
IRf
Rf =
VDD
IRf
VDDQ
VSSQ
Q
INHN
A
VSS
VDD
IZ
VOH
VOL
V
IZ
Q output
CL : 15pF
(Including probe capacitance)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com