Electronic Components Datasheet Search
  English  ▼

X  

SM5050AV Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5050AV
Description  Single-output Clock Generator IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5050AV Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5050AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SM5050A
NIPPON PRECISION CIRCUITS—5
Switching Characteristics
VDD = 2.7 to 3.6V, VSS = 0V, Ta = −20 to 80°C unless otherwise noted
NPC STANDARD CRYSTAL DATA
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Output rise time
tr
0.2VDD → 0.8VDD, measurement
circuit 1, load circuit 1, CL = 15pF
–
1
2.5
ns
Output fall time
tf
0.8VDD → 0.2VDD, measurement
circuit 1, load circuit 1, CL = 15pF
–
1
2.5
ns
Output duty cycle
Duty
V DD = 3V, Ta = 25°C , measurement
circuit 1, load circuit 1, CL = 15pF,
f
≤ 166.6MHz
4 0–6 0
%
Output disable delay time1
1. Time from when INHN goes LOW until Q output goes high impedance.
tPLZ
V DD = 3V, Ta = 25°C , measurement
circuit 1, load circuit 1, CL = 15pF
–
–
100
ns
Star tup time2,3
2. Time from when either INHN goes LOW to HIGH or supply voltage V DD = 3.0V until normal signal output.
tSZL
V DD = 3V, Ta = 25°C , measurement
circuit 1, load circuit 1, CL = 15pF
–1–
m s
Oscillator frequency
f
Measurement circuit 1
2 0
–
4 0
M H z
Output frequency
fOUT
Measurement circuit 1
V DD = 2.7V
1 0 0
–
1 2 5
MHz
V DD = 3.0V
1 0 0
–
166.6
Output clock jitter3
3. Measured values using NPC characteristics standard evaluation board and standard cr ystal.
Jitter
V DD = 3V, Ta = 25°C , 25MHz crystal,
P0 = HIGH, P1 = LOW , measurement
circuit 1, load circuit 1,CL = 15pF,
peak-to-peak
–
100
–
ps
f (MHz)
R (
Ω)
L (mH)
Ca (fF)
Cb (pF)
25
4.368
1.885
21.52
4.793
27
7.421
2.402
14.48
4.097
L
Ca
R
Cb



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com