Electronic Components Datasheet Search
  English  ▼

X  

SM5050AV Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM5050AV
Description  Single-output Clock Generator IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5050AV Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM5050AV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5050AV Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SM5050A
NIPPON PRECISION CIRCUITS—4
DC Characteristics
VDD = 2.7 to 3.6V, VSS = 0V, Ta = −20 to 80°C unless otherwise noted
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Q HIGH-level output voltage
V OH
V DD = 2.7V, IOH = 8mA
2.2
–
–
V
Q L OW -level output voltage
V OL
V DD = 2.7V, IOL = 8mA
–
–
0.4
V
Q output leakage current
IZ
Measurement circuit 4,
INHN = V SS
V OH = V DD
––
1 0
µA
V OL = V SS
––
1 0
INHN HIGH-level input voltage
V IH1
0.7VDD
––
V
P0, P1 HIGH-level input voltage
V IH2
0.9VDD
––
V
INHN LOW -level input voltage
V IL1
–
–
0.3VDD
V
P0, P1 LOW -level input voltage
V IL2
–
–
0.1VDD
V
Current consumption
IDD
25MHz cr ystal, measurement circuit 1,
load circuit 1, INHN = open, CL = 15pF,
P0 = HIGH, P1 = LOW , V DD = 3.0V
–2 3–
mA
25MHz cr ystal, measurement circuit 1,
load circuit 1, INHN = open, CL = 15pF,
P0 = HIGH, P1 = LOW
––
4 2
Standby current
IST
INHN = V SS, measurement circuit 1
–
–
4 0
µ A
INHN, P0, P1 input pull-up
resistance
R UP1
V DD = 3V, measurement circuit 2
0.3
–
6
M
Ω
R UP2
10
–
200
k
Ω
Negative resistance
−R
L
V DD = 3V, Ta = 25°C , f = 30MHz
–
−240
–
Ω
Feedback resistance
R f
Measurement circuit 3
1 0 0
3 0 0
9 0 0
k
Ω
Internal capacitance
C G
Design values
15.98
18.44
20.90
p F
C D
15.98
18.44
20.90
p F



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com