Electronic Components Datasheet Search
  English  ▼

X  

MH89760B Datasheet(PDF) 13 Page - Mitel Networks Corporation

Part # MH89760B
Description  ST-BUS??FAMILY T1/ESF Framer & Interface Preliminary Information
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89760B Datasheet(HTML) 13 Page - Mitel Networks Corporation

Back Button MH89760B Datasheet HTML 9Page - Mitel Networks Corporation MH89760B Datasheet HTML 10Page - Mitel Networks Corporation MH89760B Datasheet HTML 11Page - Mitel Networks Corporation MH89760B Datasheet HTML 12Page - Mitel Networks Corporation MH89760B Datasheet HTML 13Page - Mitel Networks Corporation MH89760B Datasheet HTML 14Page - Mitel Networks Corporation MH89760B Datasheet HTML 15Page - Mitel Networks Corporation MH89760B Datasheet HTML 16Page - Mitel Networks Corporation MH89760B Datasheet HTML 17Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
4-67
Preliminary Information
MH89760B
Figure 6 - Input/Output Configuration
Extracted
Clock
Received
Data
Transmit
Data
OUTA
+12V
L2
C2
OUTB
1:
1:
:0.5
R1
L1
C1
EIT
EIR
EA
EB
EC
SW
RCLT
RCHT
RCLR
RCHR
Ti
Ri
E1.5o
RxA
RxB
RxT
RxR
1:
:1
VDD
1:
S1
S2
S3
S4
S5
S6
S7
TxT
TxR
TL
RL
TR2
Rx
Line
Receiver
S1
S2
S4
S4
S5
S6
S7
0-150’
CLOSE
OPEN
OPEN
OPEN
OPEN
OPEN
OPEN
150-450’
OPEN
CLOSE
OPEN
CLOSE
OPEN
CLOSE
OPEN
450-655’
OPEN
OPEN
CLOSE
OPEN
CLOSE
OPEN
CLOSE
Equalizer settings
COMPONENT VALUES:
R1 = 150
Ω 1% W
C1 = 0.01
µF 5% 250V
C2 = 0.47
µF 5% 100V
L1 = 33
µH 130mA
L2 = 33
µH 165 mA
TR1 = 1:1:0.5
Filtran* Part # TFS2573
TR2 = 1:1:1
Filtran* Part # TFS2574
*Filtran Ltd.
229 Colonnade Road
Nepean, Ontario
Canada K2E 7K3
613-226-1626
Note: The equalizer has been optimized for 22 gauge ABAM
cable. The exact distances may vary with the type of cable and the
output transformer. Different line length settings may be
required if a transformer other than the Filtran TFS2573 is used.
1
4
+5V
MH89760B
MH89761
TR1
DS1 Line Interface
Line Transmitter
The transmit line interface is made up of two open
collector drivers (OUTA and OUTB) that can be
coupled to the line with a center tapped pulse
transformer (see Figure 6). A step function is applied
to the transformer when either of the transistors is
turned on. By operating in the transient portion of the
inductance
response,
the
secondary
of
the
transformer produces an almost square pulse. The
capacitor and inductor on the center tap of the
transmit transformer shown in Figure 6 suppress
transients in the 12 volt supply. The series RLC
across the output of the transformer shape the pulse
to meet the AT & T or CCITT pulse templates. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com