Electronic Components Datasheet Search
  English  ▼

X  

MH89760B Datasheet(PDF) 22 Page - Mitel Networks Corporation

Part # MH89760B
Description  ST-BUS??FAMILY T1/ESF Framer & Interface Preliminary Information
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89760B Datasheet(HTML) 22 Page - Mitel Networks Corporation

Back Button MH89760B Datasheet HTML 18Page - Mitel Networks Corporation MH89760B Datasheet HTML 19Page - Mitel Networks Corporation MH89760B Datasheet HTML 20Page - Mitel Networks Corporation MH89760B Datasheet HTML 21Page - Mitel Networks Corporation MH89760B Datasheet HTML 22Page - Mitel Networks Corporation MH89760B Datasheet HTML 23Page - Mitel Networks Corporation MH89760B Datasheet HTML 24Page - Mitel Networks Corporation MH89760B Datasheet HTML 25Page - Mitel Networks Corporation MH89760B Datasheet HTML 26Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
4-76
MH89760B
Preliminary Information
The switch matrix can be built so that the maximum
throughput delay is 1 frame +2 channels. The switch
matrix will not only route data channels to their
destination, but it will also route the received
signalling bits through to the destination channel.
This is necessary because the receiving MH89760B
decodes
the
T1
stream,
and
the
transmitting
MH89760B has to reconstruct the outgoing T1
stream. In other words, there is no multiframe
integrity between received data and transmitted
data. The total throughput delay is one frame plus
ten ST-BUS channels for the MH89760B receiver,
2.5 ST-BUS channels for the MH89760B transmitter,
and one frame plus two ST-BUS channels for the
switch matrix for a total of 2.5 frames worst case.
The control block only interfaces with the switch
matrix. Besides routing channels and signalling
through to the proper destination, the switch matrix
must also supply the Master Control Words, and
monitor
the
Master
Status
Words
for
each
MH89760B.
The clock generation block supplies the ST-BUS
clocks
and
the
T1
transmit
clocks
that
are
synchronized to one of the T1 trunks. All of the
extracted 8 kHz outputs are NANDed together before
they are input to PLL #2 of the MT8941.
Phase-locked Loop #2 of the MT8941, will generate
ST-BUS clock signals for the MH89760Bs and the
MT8980s that are synchronized with the chosen T1
line. The E8Ko of all of the other MH89760Bs can be
tristated from the Master Control Word, which allows
the system controller to select any one of 128 T1
lines to act as the synchronization source. By
Figure 15 - Digital Access Cross Connect System (DACS)
Switch
Matrix
M
I
C
R
O
Control
Matrix
MT8980
MT8980
MT8941
MH89760B
MH89760B
T1 Interfaces
Clock
Generator
izer
Equal-
izer
DSTi
DSTo
CSTi0
CSTo
CSTi1
C2i
F0i
C1.5i
OUTA
OUTB
RxT
RxR
E8Ko
DSTi
DSTo
CSTi0
CSTo
CSTi1
C2i
F0i
C1.5i
OUTA
OUTB
RxT
RxR
E8Ko
STi7
STo7
STi0
STo0
F0i
C4i
F0i
C4i
STi7
STo7
STi0
STo0
STo1
STo2
F0i
C4i
C2i
C1.5i
CVb
F0i
F0b
C4b
C20
DPLL #2
C12i
C16i
C8Kb
12.352
MHz Osc.
MHz Osc.
16.384
•
•
•
•
•
•
•
•
•
•
•
•
•
Equal-
DPLL #1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com