Electronic Components Datasheet Search
  English  ▼

X  

MH89760B Datasheet(PDF) 17 Page - Mitel Networks Corporation

Part # MH89760B
Description  ST-BUS??FAMILY T1/ESF Framer & Interface Preliminary Information
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89760B Datasheet(HTML) 17 Page - Mitel Networks Corporation

Back Button MH89760B Datasheet HTML 13Page - Mitel Networks Corporation MH89760B Datasheet HTML 14Page - Mitel Networks Corporation MH89760B Datasheet HTML 15Page - Mitel Networks Corporation MH89760B Datasheet HTML 16Page - Mitel Networks Corporation MH89760B Datasheet HTML 17Page - Mitel Networks Corporation MH89760B Datasheet HTML 18Page - Mitel Networks Corporation MH89760B Datasheet HTML 19Page - Mitel Networks Corporation MH89760B Datasheet HTML 20Page - Mitel Networks Corporation MH89760B Datasheet HTML 21Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
4-71
Preliminary Information
MH89760B
Figure 9 - Reframe Time
50
40
30
20
10
0
%
0
7
8
10
12
14
16
1820
2224
26
28
30
32
34
Reframe Time (ms)
Percentage Reframe Time Probability Versus Reframe Time
With Pseudo Random Data
D4
ESF
Applications
1. Typical T1 Application
Figure 10 shows the external components that are
required in a typical T1 application using the
MH89760B. The MT8980 is used to control and
monitor the device as well as switch data to DSTi and
DSTo (refer to Application Note MSAN-123 for more
information on the operation of the MT8980). The
MT8952,
HDLC protocol controller, is shown in this
application to illustrate how the data on the FDL
could be used. The digital phase-locked loop, the
MT8941, provides all the clocks
necessary to make
a functional interface.
The 1.544 MHz clock
extracted by the MH89760B is used to clock in data
at RxT and RxR. It is also internally divided by 193
to obtain an 8 kHz clock which is output at E8Ko.
The MT8941 uses this 8 kHz signal to provide a
phase locked 2.048 MHz clock for the ST-BUS
interface and a 1.544 MHz clock for the DS1 transmit
side.
Note: the configurations shown in Figures 10 and 12
using the MT8941 may not meet specific jitter
performance requirements. A more sophisticated
PLL may be required for applications designed to
meet specific standards. Please refer to the MT8941
data sheet for further details on its jitter performance.
The split phase unipolar signals output by the
MT8976 at TxA and TxB are used by the line driver
circuit to generate a bipolar AMI signal. The line
driver is transformer coupled to an equalization
circuit
and
the
DS1
line.
Equalization
of
the
transmitted signal is required to meet AT & T
specifications for crossconnect compatible equip-
ment (see AT&T Technical Advisory #34). Specifica-
tions for the input and output transformers are shown
in Figure 11.
On the receive side the bipolar line
signal is converted into a unipolar format by the line
receiver
circuit. The resulting split phase signals
are input at the RxA and RxB pins on the MT8976.
The signals are combined to produce a composite
return to zero signal which is clocked into the
MT8976 at RxD.
2. Interfacing the MH89760B to a Parallel Bus
The MH89760B can be interfaced to a high speed
parallel bus or to a microprocessor using the
MT8920B Parallel Access Circuit (STPA). Fig. 12
shows the MT8976 interfaced to a parallel bus
structure using two STPA‘s operating in modes 1 and
2.
The
first
STPA
operating
in mode
2 (MMS=0,
MS1=1, 24/32=0), routes data and/or voice infor-
mation between the parallel telecom bus and the T1
or CEPT link via DSTi and DSTo. The second STPA,
operating in mode 1 (MMS=1) provides access from



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com