Electronic Components Datasheet Search
  English  ▼

X  

MH89760B Datasheet(PDF) 35 Page - Mitel Networks Corporation

Part # MH89760B
Description  ST-BUS??FAMILY T1/ESF Framer & Interface Preliminary Information
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89760B Datasheet(HTML) 35 Page - Mitel Networks Corporation

Back Button MH89760B Datasheet HTML 30Page - Mitel Networks Corporation MH89760B Datasheet HTML 31Page - Mitel Networks Corporation MH89760B Datasheet HTML 32Page - Mitel Networks Corporation MH89760B Datasheet HTML 33Page - Mitel Networks Corporation MH89760B Datasheet HTML 34Page - Mitel Networks Corporation MH89760B Datasheet HTML 35Page - Mitel Networks Corporation MH89760B Datasheet HTML 36Page - Mitel Networks Corporation MH89760B Datasheet HTML 37Page - Mitel Networks Corporation MH89760B Datasheet HTML 38Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
4-89
Preliminary Information
MH89760B
Figure 36 - Recommended Footprint for the 40 Pin Dual in Line S.M.T. Hybrid
Figure 37 - Physical Dimensions for the 40 Pin Dual in Line Hybrid 1.3" Row Pitch
0.760
(19.3)
Pin 2 position
0.040
(1.02)
0.060
(1.52)
0.090
(2.29)
.31
(7.87)
0.260
(6.6)
0.09
(2.3)
0.020 + 0.002
(0.51 + 0.051)
0.10 + 0.01
(2.54 + 0.25)
MH89760B
Note 1
Notes:
1) Pin 1 not fitted.
2) Row pitch is to the centre of the pins.
3) All dimensions are typical and in inches (mm).
4) Not to scale.
2.12
(53.85)
1.3
(33.0)
Note 2
2.0
(50.8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com