Electronic Components Datasheet Search
  English  ▼

X  

MH89760B Datasheet(PDF) 7 Page - Mitel Networks Corporation

Part # MH89760B
Description  ST-BUS??FAMILY T1/ESF Framer & Interface Preliminary Information
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MH89760B Datasheet(HTML) 7 Page - Mitel Networks Corporation

Back Button MH89760B Datasheet HTML 3Page - Mitel Networks Corporation MH89760B Datasheet HTML 4Page - Mitel Networks Corporation MH89760B Datasheet HTML 5Page - Mitel Networks Corporation MH89760B Datasheet HTML 6Page - Mitel Networks Corporation MH89760B Datasheet HTML 7Page - Mitel Networks Corporation MH89760B Datasheet HTML 8Page - Mitel Networks Corporation MH89760B Datasheet HTML 9Page - Mitel Networks Corporation MH89760B Datasheet HTML 10Page - Mitel Networks Corporation MH89760B Datasheet HTML 11Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
4-61
Preliminary Information
MH89760B
Table 3. ESF Frame Pattern
† These signalling bits are only valid if the robbed bit signalling is
active.
During synchronization the receiver locks on to the
incoming frame, calculates the CRC and compares it
to the CRC received in the next multiframe. The
device will not declare itself to be in synchro-
nization unless a valid framing pattern in the S-bit is
detected and a correct CRC is received. The CRC
check in this case provides protection against false
framing. The CRC check can be turned off by setting
bit 1 in Master Control Word 2.
The device can be forced to resynchronize itself. If
Bit 3 in Master Control Word 2 is set for one frame
and then subsequently reset, the device will start to
search for a new frame position. The decision to
reframe is made by the user’s system processor on
the basis of the status conditions detected in the
received master status words. This may include
consideration of the number of errors in the received
CRC
in
conjunction with
an indication
of the
presence of a mimic. When the device attains
synchronization the mimic bit in Master Status Word
1 is set if the device found another possible
candidate when it was searching for the framing
pattern.
Note that the device will resynchronize automatically
if the errors in the terminal framing pattern (FT or
FPS) exceed the threshold set with bit 0 in Master
Control Word 2.
Frame #
FPS
FDL
CRC
Signalling †
1X
2CB1
3X
40
5X
6
CB2
A
7X
80
9X
10
CB3
11
X
12
1
B
13
X
14
CB4
15
X
16
0
17
X
18
CB5
C
19
X
20
1
21
X
22
CB6
23
X
24
1
D
Table 4. D3/D4 Framer
† These signalling bits are only valid if the robbed bit signalling is
active.
Standard D3/D4 framing is enabled when bit 4 of
Master Control Word 2 is reset (logic 0). In this mode
the device searches for and inserts the framing
pattern shown in Table 4. This mode only supports
AB bit signalling, and does not contain a CRC check.
The CRC/MIMIC bit in Master Control Word 2, when
set high, allows the device to synchronize in the
presence of a mimic. If this bit is reset, the device will
not synchronize in the presence of a mimic.
(Also
refer to section on Framing Algorithm.)
In the D3/D4 mode the device can also be made
compatible with SLC-96 by setting bit two of Master
Control Word 2. This allows the user to insert and
extract the signalling framing pattern on the DS1 bit
stream using the FDL input and output pins. The
user must format this 4 kbits of information externally
to meet all of the requirements of the SLC-96
specification (see Table 5). The device multiplexes
and demultiplexes this information into the proper
position. This mode of operation can also be used for
any other application that uses all or part of the
signalling framing pattern. As long as the serial
stream clocked into the TxFDL contains
two proper
sets of consecutive synchronization bits (as shown in
Table 5 for frames 1 to 24),
the device
will
be
able
to
insert and extract the A, B signalling bits.
The TxSF pin should be held high in this mode.
Superframe boundaries cannot be defined by a pulse
on this input.
The RxSF output functions normally
and indicates the superframe boundaries based on
the synchronization pattern in the FS received bit
position.
Zero Code Suppression
The combination of bits 5 and 6 in Master Control
Word 1 allow one of three zero code suppression
schemes to be selected. The three choices are:
none, binary 8 zero suppression (B8ZS), or jammed
bit (bit 7 forced high). No zero code suppression
Frame #
FT
FS
Signalling †
11
20
30
40
51
61
A
70
81
91
10
1
11
0
12
0
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com