Electronic Components Datasheet Search
  English  ▼

X  

ACE25Q200G Datasheet(PDF) 22 Page - ACE Technology Co., LTD.

Part # ACE25Q200G
Description  2M BIT SPI NOR FLASH Memory Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25Q200G Datasheet(HTML) 22 Page - ACE Technology Co., LTD.

Back Button ACE25Q200G Datasheet HTML 18Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 19Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 20Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 21Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 22Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 23Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 24Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 25Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 26Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
ACE25Q200G
2M BIT SPI NOR FLASH Memory Series
VER 1.2
22
Quad Output Fast Read (6BH)
See Figure 10, the Quad Output Fast Read instruction is followed by 3-byte address (A23-A0) and
a dummy byte, each bit being latched in during the rising edge of SCLK, then the memory contents
are shifted out 4-bit per clock cycle from IO3, IO2, IO1 and IO0. The first byte addressed can be at
any location. The address is automatically incremented to the next higher address after each byte of
data is shifted out.
Figure 10 Quad Output Fast Read Sequence Diagram
Figure 10
Dual I/O Fast Read (BBH)
See Figure 11, the
Dual I/O Fast Read instruction is similar to the Dual Output Fast Read
instruction but with the capability to input the 3-byte address (A23-0) and a “Continuous Read Mode”
byte 2-bit per clock by SI and SO, each bit being latched in during the rising edge of SCLK, then the
memory contents are shifted out 2-bit per clock cycle from SI and SO. The first byte addressed can be
at any location. The address is automatically incremented to the next higher address after each byte
of data is shifted out.
Figure 11 Dual I/O Fast Read Sequence Diagram (Initial command or previous M5-4≠10)
Figure 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com