Electronic Components Datasheet Search
  English  ▼

X  

ACE25Q200G Datasheet(PDF) 37 Page - ACE Technology Co., LTD.

Part # ACE25Q200G
Description  2M BIT SPI NOR FLASH Memory Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25Q200G Datasheet(HTML) 37 Page - ACE Technology Co., LTD.

Back Button ACE25Q200G Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 39Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 40Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 41Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
ACE25Q200G
2M BIT SPI NOR FLASH Memory Series
VER 1.2
37
Chip Erase (60/C7H)
The Chip Erase instruction sets all memory within the device to the erased state of all 1s (FFh). A
Write Enable instruction must be executed before the device will accept the Chip Erase Instruction
(Status Register bit WEL must equal 1). The instruction is initiated by driving the /CS pin low and
shifting the instruction code “C7h” or “60h”. The Chip Erase instruction sequence is shown in Figure
29.
The /CS pin must be driven high after the eighth bit has been latched. If this is not done the Chip
Erase instruction will not be executed. After /CS is driven high, the self-timed Chip Erase instruction
will commence for a time duration of tCE. While the Chip Erase cycle is in progress,
Chip Erase cycle is in
progress, the Read Status Register instruction may still be accessed to check the status of the WIP bit.
The WIP bit is a 1 during the Chip Erase cycle and becomes a 0 when finished and the device is
ready to accept other Instructions again. After the Chip Erase cycle has finished the Write Enable
Latch (WEL) bit in the Status Register is cleared to 0. The Chip Erase instruction will not be executed
if any page is protected by the Block Protect (CMP, SEC, TB, BP2, BP1, and BP0) bits (see Table 6 &
7) is not executed.
Figure 29 Chip Erase Sequence Diagram
Figure 29
Erase / Program Suspend (75H)
The Erase/Program Suspend instruction allows the system to interrupt a Sector or Block Erase
operation, then read from or program data to any other sector. The Erase/Program Suspend
instruction also allows the system to interrupt a Page Program operation and then read from any other
page or erase any other sector or block. The Erase/Program Suspend instruction sequence
is shown in Figure 30.
The Write Status Registers instruction (01h) and Erase instructions (20h, D8h, C7h, 60h, 44h) are
not allowed during Erase Suspend. Erase Suspend is valid only during the Sector or Block erase operation. If
written during the Chip Erase operation, the Erase Suspend instruction is ignored. The Write Status Registers
instruction (01h), and Program instructions (02h, 42h) are not allowed during Program Suspend. Program
Suspend is valid only during the Page Program operation.
Figure 30 Erase/Program Suspend Command Sequence
Figure 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com