Electronic Components Datasheet Search
  English  ▼

X  

ACE25Q200G Datasheet(PDF) 30 Page - ACE Technology Co., LTD.

Part # ACE25Q200G
Description  2M BIT SPI NOR FLASH Memory Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25Q200G Datasheet(HTML) 30 Page - ACE Technology Co., LTD.

Back Button ACE25Q200G Datasheet HTML 26Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 27Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 34Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
ACE25Q200G
2M BIT SPI NOR FLASH Memory Series
VER 1.2
30
Read Security Registers (48H)
See Figure 22, the Read Security Registers instruction is similar to Fast Read instruction. The
instruction is followed by a 3-byte address (A23-A0) and a dummy byte, each bit being latched-in
during the rising edge of SCLK. Then the memory content, at that address, is shifted out on SO, each
bit being shifted out, at a Max frequency fC, during the falling edge of SCLK. The first byte addressed
can be at any location. The address is automatically incremented to the next higher address after
each byte of data is shifted out. Once the A9-A0 address reaches the last byte of the register (Byte
3FFH), it will reset to 000H, the instruction is completed by driving /CS high
Table 10
Address
A23-A16
A15-A8
A7-A0
Security Registers 1
00H
01H
Byte Address
Security Registers 2
00H
02H
Byte Address
Security Registers 3
00H
03H
Byte Address
Figure 22 Read Security Registers instruction Sequence Diagram
Figure 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com