Electronic Components Datasheet Search
  English  ▼

X  

ACE25Q200G Datasheet(PDF) 36 Page - ACE Technology Co., LTD.

Part # ACE25Q200G
Description  2M BIT SPI NOR FLASH Memory Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25Q200G Datasheet(HTML) 36 Page - ACE Technology Co., LTD.

Back Button ACE25Q200G Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 39Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 40Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
ACE25Q200G
2M BIT SPI NOR FLASH Memory Series
VER 1.2
36
64KB Block Erase (D8H)
The 64KB Block Erase instruction is for erasing the all data of the chosen block. A Write Enable
instruction must previously have been executed to set the Write Enable Latch bit. The 64KB Block
Erase instruction is entered by driving /CS low, followed by the instruction code, and three address
bytes on SI. Any address inside the block is a valid address for the 64KB Block Erase instruction.
/CS must be driven low for the entire duration of the sequence.
See Figure 28, the 64KB Block Erase instruction sequence: /CS goes low sending 64KB Block
Erase instruction 3-byte address on SI /CS goes high. The instruction sequence is shown in Figure20.
/CS must be driven high after the eighth bit of the last address byte has been latched in; otherwise the
64KB Block Erase instruction is not executed. As soon as /CS is driven high, theself-timed Block
Erase cycle (whose duration is tBE) is initiated. While the Block Erase cycle is in progress, the Status
Register may be read to check the value of the Write In Progress (WIP) bit. The Write In Progress
(WIP) bit is 1 during the self-timed Block Erase cycle, and is 0 when it is completed. At some
unspecified time before the cycle is completed, the Write Enable Latch bit is reset. A 64KB Block
Erase instruction applied to a block which is protected by the Block Protect (SEC, TB, BP2, BP1, BP0)
bits (see Table 6 & 7) is not executed.
Figure 28 64KB Block Erase Sequence Diagram
Figure 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com