Electronic Components Datasheet Search
  English  ▼

X  

ACE25Q200G Datasheet(PDF) 39 Page - ACE Technology Co., LTD.

Part # ACE25Q200G
Description  2M BIT SPI NOR FLASH Memory Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25Q200G Datasheet(HTML) 39 Page - ACE Technology Co., LTD.

Back Button ACE25Q200G Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 36Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 37Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 38Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 39Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 40Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 41Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 42Page - ACE Technology Co., LTD. ACE25Q200G Datasheet HTML 43Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
ACE25Q200G
2M BIT SPI NOR FLASH Memory Series
VER 1.2
39
Electrical Characteristics
Table
13 Absolute Maximum Ratings
PARAMETERS
SYMBOL
CONDITIONS
RANGE
UNIT
Supply Voltage
VCC
–0.5 to 4
V
Voltage Applied to Any Pin
VIO
Relative to Ground
–0.5 to 4
V
Transient Voltage on any Pin
VIOT
<20nS Transient Relative to
Ground
–2.0Vto VCC+2.0V
V
Storage Temperature
TSTG
–65 to +150
°C
Electrostatic Discharge Voltage
VESD
Human Body Model(1)
–2000 to +2000
V
Notes:
1. JEDEC Std JESD22-A114A (C1=100pF, R1=1500 ohms, R2=500 ohms)
Operating Ranges
Table14
PARAMETER
SYMBOL
CONDITIONS
SPEC
UNIT
MIN
MAX
Supply Voltage
VCC
FR = 108MHz, fR = 50MHz
2.7
3.6
V
Temperature Operating
TA
Commercial Industrial
-40
+85
°C
Data Retention and Endurance
Table
15
Parameter
Test Condition
Min
Units
Minimum Pattern Data Retention Time
150°C
10
Years
125°C
20
Years
Erase/Program Endurance
-40 to 85°C
100K
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com