Electronic Components Datasheet Search
  English  ▼

X  

MT8930CE Datasheet(PDF) 30 Page - Mitel Networks Corporation

Part # MT8930CE
Description  CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8930CE Datasheet(HTML) 30 Page - Mitel Networks Corporation

Back Button MT8930CE Datasheet HTML 26Page - Mitel Networks Corporation MT8930CE Datasheet HTML 27Page - Mitel Networks Corporation MT8930CE Datasheet HTML 28Page - Mitel Networks Corporation MT8930CE Datasheet HTML 29Page - Mitel Networks Corporation MT8930CE Datasheet HTML 30Page - Mitel Networks Corporation MT8930CE Datasheet HTML 31Page - Mitel Networks Corporation MT8930CE Datasheet HTML 32Page - Mitel Networks Corporation MT8930CE Datasheet HTML 33Page - Mitel Networks Corporation MT8930CE Datasheet HTML 34Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
MT8930C
9-62
Figure 21 - ETS 300-012 NT & TE Line Interface for VAC X027 or X028
Figure 22 - ETS 300-012 NT & TE Line Interface for VAC X029 or X030
VDD
C1
VDD
LTx
D5
D6
VDD
D1
D2
1
2
3
T1
4
5
6
VBias
VDD
1
2
3
L1
4
5
6
R2
R3
T2
K1
K1
VDD
D3
D4
R1
LRx
VSS
C3
C4
MT8930C
+
C2
Tx+
Tx-
Rx-
Rx+
D7
K1
VDD
Parts List:
C1, 3 = 0.1
µF Ceramic
C2 = 10
µF Tantalum
C4 = 22pF
D1-4 = IN914
D5, 6 = IN270 Germanium or
MBD301 Schottky
D7 = IN4003
K1 = 2 Form A or C Relay
(Aromat TQ2E-5V)
L1 = VAC N4025-X034
R1 = 3k01 1%
R2,3 = 100
Ω 1%
T1, 2 = VAC T60403-L4096-
X027 or VAC T60403-L4096-
X028
6
7
9
10
5
4
2
1
VDD
C1
VDD
LTx
D5
D6
VDD
D1
D2
6
1
T1
4
5
2
VBias
VDD
6
1
L1
4
2
R2
R3
T2
K1
K1
VDD
D3
D4
R1
LRx
VSS
C3
C4
MT8930C
+
C2
Tx+
Tx-
Rx-
Rx+
D7
K1
VDD
Parts List:
C1, 3 = 0.1
µF Ceramic
C2 = 10
µF Tantalum
C4 = 22pF
D1-4 = IN914
D5, 6 = IN270 Germanium or
MBD301 Schottky
D7 = IN4003
K1 = 2 Form A or C Relay
(Aromat TQ2E-5V)
L1 = VAC N4025-X034
R1 = 3k01 1%
R2,3 = 100
Ω 1%
T1, 2 = VAC T60403-L4096-
X029 or VAC T60403-L4096-
X030
3
3
5
6
7
9
10
5
4
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com