Electronic Components Datasheet Search
  English  ▼

X  

MT8930CE Datasheet(PDF) 4 Page - Mitel Networks Corporation

Part # MT8930CE
Description  CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8930CE Datasheet(HTML) 4 Page - Mitel Networks Corporation

  MT8930CE Datasheet HTML 1Page - Mitel Networks Corporation MT8930CE Datasheet HTML 2Page - Mitel Networks Corporation MT8930CE Datasheet HTML 3Page - Mitel Networks Corporation MT8930CE Datasheet HTML 4Page - Mitel Networks Corporation MT8930CE Datasheet HTML 5Page - Mitel Networks Corporation MT8930CE Datasheet HTML 6Page - Mitel Networks Corporation MT8930CE Datasheet HTML 7Page - Mitel Networks Corporation MT8930CE Datasheet HTML 8Page - Mitel Networks Corporation MT8930CE Datasheet HTML 9Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
MT8930C
9-36
17
26
SYNC/BA Synchronization/Bus Activity Output (Cmode = 0): output indicating synchronization
to incoming RX frames when activation request is asserted and the deactivation request
is ’0’ (AR = 1 and DR = 0). Synchronization is declared once three successive frames
conforming to the 14-bit bipolar violation criteria have been detected. If part is
deactivated or activation request is ’0’ (AR = 0 or DR = 1), this pin indicates the
presence of bus activity.
18
30
MFR
Multiframe Input/Output (Cmode=0): multiframe input in NT mode or output in TE
mode. Setting this pin to one in NT mode when HALF = 1, forces the FA, N pair to 1, 0
respectively. This pin going high in TE mode indicates that FA= 1 & N= 0 has been
received. This signal is updated on the rising edge of the HALF signal.
19
31
MCH
Maintenance Channel (Q-channel) Input/Output (Cmode=0): an output in NT mode
which is valid only in the frame following the transmission of MFR. In TE mode, this is
the maintenance channel (Q-channel) input which is transmitted in the FA and L bits
following the reception of the multiframe signal. This input is sampled on the falling
edge of the HALF signal.
20
32
M/S
M/S Input/Output (Cmode=0): M/S bit input in NT mode or M/S bit output in TE mode.
M is read or written when HALF=1 while S is read or written when HALF=0.
21
34
AR
Activate Request Input (Cmode = 0): asserting AR with DR = 0 will initiate the
appropriate S-interface activation sequence coded in the NT or TE activation/
deactivation controller.
22
35
DR
Deactivate Request Input (Cmode = 0): asserting DR high will initiate the appropriate
S-interface deactivation sequence coded in the NT or TE activation/ deactivation
controller.
23
37
Rsti
Reset Input: Schmitt trigger reset input. If ’0’, sets all control registers to the default
conditions, resets activation state machines to the deactivated state, resets HDLC,
clears the HDLC FIFO‘s. Sets the microport to Motorola bus mode.
24
38
STAR/Rsto Star/Reset (Open Drain Output): 192kbit/s Rx data output fixed relative to the ST-
BUS timebase. A group of NTs, in fixed timing mode, can be wire or’ed together to
create a Star configuration. Active low reset output in TE mode indicating 128
consecutive marks have been received. Can be connected directly to Rsti to allow NT
to reset all TEs on the bus. This pin must be tied to VDD with a 10 kΩ resistor.
25
40
LRx
Receive Line Signal Input: this is a high impedance input for the pseudoternary line
signal to be connected to the line through a 2:1 ratio transformer. See Figures 20 and
21. A DC bias level on this input equal to VBias must be maintained.
26
42
LTx
Transmit Line Signal Output: this is a current source output designed to drive a
nominal 50 ohm line through a 2:1 ratio transformer. See Figures 20 and 21.
27
43
VBias
Bias Voltage: analog ground for Tx and Rx transformers. This pin must be decoupled
to V
DD
through a 10
µF capacitor with good high frequency characteristics (i.e.,
tantalum).
28
44
VDD
Power Supply Input.
1,5-6,10-
12,15,18,
23,27-
29, 33,
36, 39, 41
NC
No Connection.
Pin Description (continued)
Pin #
Name
Description
DIP
PLCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com