Electronic Components Datasheet Search
  English  ▼

X  

MT8930CE Datasheet(PDF) 35 Page - Mitel Networks Corporation

Part # MT8930CE
Description  CMOS ST-BUS??FAMILY Subscriber Network Interface Circuit
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT8930CE Datasheet(HTML) 35 Page - Mitel Networks Corporation

Back Button MT8930CE Datasheet HTML 31Page - Mitel Networks Corporation MT8930CE Datasheet HTML 32Page - Mitel Networks Corporation MT8930CE Datasheet HTML 33Page - Mitel Networks Corporation MT8930CE Datasheet HTML 34Page - Mitel Networks Corporation MT8930CE Datasheet HTML 35Page - Mitel Networks Corporation MT8930CE Datasheet HTML 36Page - Mitel Networks Corporation MT8930CE Datasheet HTML 37Page - Mitel Networks Corporation MT8930CE Datasheet HTML 38Page - Mitel Networks Corporation MT8930CE Datasheet HTML 39Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
MT8930C
9-67
† Timing is over recommended temperature & power supply voltages
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
Figure 24 - Intel Bus Interface Timing (Write Cycle)
Figure 25 - Intel Bus Interface Timing (Read Cycle)
AC Electrical Characteristics† - Intel Bus Interface Timing
(Ref. Figure 24 & 25)
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Chip select setup time
tCSS
10
ns
2
Chip select hold time
tCSH
25
ns
3
Address Latch pulse width
tALW
50
ns
4
Address setup time
tADS
20
ns
5
Address hold time
tADH
20
ns
6
Data setup time - Write
tDWS
35
ns
7
Data hold time - Write
tDHW
20
ns
8
Data output delay - Read
tDOD
240
ns
50 pF load
9
Data hold time - Read
tDHR
25
90
ns
50 pF load
10
Write pulse width
tWPW
60
ns
11
RD, WR delay
tRWD
60
ns
12
Read pulse width
tRPW
240
ns
13
Read setup time
tRDS
20
ns
CS
ALE
AD0-7
WR
RD
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
VIH
VIL
Address
Data in
tCSS
tCSH
tALW
tADS
tADH
tRWD
tDHW
tWPW
tRDS
tDWS
CS
ALE
AD0-7
WR
RD
VIH
VIL
VIH
VIL
VI/OH
VI/OL
VIH
VIL
VIH
VIL
tCSH
tALW
tADS
tADH
tDOD
tDHR
tRDS
tCSS
tRWD
tRPW
Address
Data out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com