Electronic Components Datasheet Search
  English  ▼

X  

SM5849F Datasheet(PDF) 5 Page - Nippon Precision Circuits Inc

Part # SM5849F
Description  Asynchronous Sample Rate Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5849F Datasheet(HTML) 5 Page - Nippon Precision Circuits Inc

  SM5849F Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
SM5849AF
NIPPON PRECISION CIRCUITS—5
PIN DESCRIPTION
Number
Name
I/O1
Description
1
V D D
–
Supply voltage
2
DI
Ip
Digital input signal
3
BCKI
Ip
Bit clock input
4
LRCI
Ip
W ord clock input
5
V S S
–
Ground
6
ICLK
I
System clock input
7
ICKSL
Ip
System clock select. 384fs clock when HIGH, and 256fs clock when LOW .
8
IFM1
Ip
Input format select
9
IFM2
Ip
1 0
IWL1
Ip
Input word length select
1 1
IWL2
Ip
1 2
N C
–
No connection (must be open)
1 3
N C
–
No connection (must be open)
1 4
N C
–
No connection
1 5
N C
–
No connection (must be open)
1 6
N C
–
No connection (must be open)
1 7
N C
–
No connection (must be open)
1 8
N C
–
No connection (must be open)
1 9
N C
–
No connection (must be open)
20
V S S
–
Ground
2 1
V D D
–
Supply voltage
2 2
DMUTE
Ip
Direct mute pin. Muting ON when HIGH.
2 3
MCOM
Ip
Microcontroller control select. Microcontroller control when HIGH.
24
MDT/FSI1
Ip
When MCON = HIGH: Microcontroller interface data input (MDT)
When MCON = LOW: Deemphasis filter fs select 1 (FSI1)
2 5
MCK/FSI2
Ip
When MCON = HIGH: Microcontroller interface clock (MCK)
When MCON = LOW: Deemphasis filter fs select 2 (FSI2)
2 6
MLEN/DEEM
Ip
When MCOM is HIGH: Microcontroller interface latch enable (MLEN)
When MCOM is LOW : Deemphasis function select (DEEM)
2 7
N C
–
No connection (must be open)
2 8
N C
–
No connection (must be open)
2 9
N C
–
No connection (must be open)
3 0
N C
–
No connection (must be open)
3 1
N C
–
No connection (must be open)
3 2
N C
–
No connection (must be open)
3 3
N C
–
No connection (must be open)
3 4
N C
–
No connection (must be open)
3 5
N C
–
No connection (must be open)
3 6
N C
–
No connection (must be open)
3 7
N C
–
No connection (must be open)
IFM1
IFM2
Data position
L O W
L O W
Right justifie d
L O W
HIGH
Right justifie d 1
1. Data is in LSB first sequence
HIGH
L O W
Left justifie d
HIGH
HIGH
IIS
IWL1
IWL2
Data length
L O W
L O W
16 bits
L O W
HIGH
24 bits
HIGH
L O W
20 bits
HIGH
HIGH
24 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com