Electronic Components Datasheet Search
  English  ▼

X  

SM5849F Datasheet(PDF) 17 Page - Nippon Precision Circuits Inc

Part # SM5849F
Description  Asynchronous Sample Rate Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5849F Datasheet(HTML) 17 Page - Nippon Precision Circuits Inc

Back Button SM5849F Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 21Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
SM5849AF
NIPPON PRECISION CIRCUITS—17
Attenuation (MDT, MCK, MLEN)
The digital attenuator coefficients are read in as
serial data on the microcontroller interface. Data on
MDT is read into the internal shift register on the ris-
ing edge of MCK, and then 12 bits are latched inter-
nally on the rising edge of MLEN.
When the leading bit is 0 (D1 = LOW), the following
11 bits are read into the attenuation register and used
as an unsigned integer in MSB first format. See fig-
ure 3.
Although the attenuation data comprises 11 bits,
only 1025 levels are valid as given by the following.
The gain of the attenuator for values of DATT from
001H to 400H are given by the following equations.
Note that when the F12DB flag is HIGH, the gain is
shifted by a fixed +12.0412dB.
After a system reset initialization, DATT is set to
400H and the F12DB flag is LOW, corresponding to
0dB gain. (The F12DB flag is described in table 3.)
Figure 3. Attenuation data format (microcontroller interface)
MCK
MDT
MLEN
D1
MSB
LSB
D2
D3
D4
D5
D6
D7
D8
D9
D10
D11
D12
,,,,,
,,,,,
,,,,,
,,,,,
,,,,,
,,,,,
,,,,,
,,,,,
,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,,,,,
,,,,,
,,,,,
,,,,,
1
12
B0
B1
B2
B3
B4
B5
B6
B7
B8
B9
B10
"L"
DATT
a
i
2
10
i
–
()
×
i
0
=
10
∑
=
Gain
20
DATT
1024
----------------


log
×
[dB]
=
20
DATT
256
----------------


log
×
[dB]
=
when F12DB = LOW
when F12DB = HIGH
Table 6. Attenuator settings
D1
Attenuation data
DAT T
F12DB = LOW (default)
F12DB = HIGH
Gain (dB)
Linear expression
Gain (dB)
Linear expression
LO W
000H
−∞
0.0
−∞
0.0
001H
−60.206
1/1024
−48.165
1/256
↓↓↓↓↓
100H
−12.041
256/1024
0.0
256/256
↓↓↓↓↓
3FFH
−0.0085
1023/1024
12.032
1023/256
400H (to 7FFH)
0
1.0
12.041
4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com