Electronic Components Datasheet Search
  English  ▼

X  

SM5849F Datasheet(PDF) 18 Page - Nippon Precision Circuits Inc

Part # SM5849F
Description  Asynchronous Sample Rate Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5849F Datasheet(HTML) 18 Page - Nippon Precision Circuits Inc

Back Button SM5849F Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 16Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 17Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 18Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 19Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 20Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 21Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 22Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
SM5849AF
NIPPON PRECISION CIRCUITS—18
Attenuator operation
A change in the attenuation data DATT causes the
gain to change smoothly from its previous value
towards the new setting. The new attenuation data is
stored in the attenuation data register and the current
attenuation level is stored in a temporary register.
Consequently, if a new attenuation level is read in
before the previously set level is reached, the gain
changes smoothly from the current value towards the
latest setting as shown in figure 4.
The attenuation counter output changes, and hence
the gain changes, by 1 step every output sample. The
time taken to reduce the gain from 0dB (or 12dB) to
−∞dB is (1024/fso), which corresponds to approxi-
mately 23.2ms when fso = 44.1kHz.
Mute (DMUTE)
Direct mute
Other mute operations
The direct mute function is also invoked at the fol-
lowing times.
s
When the reset input (RSTN) changes.
s
When the fs setting changes, for deemphasis,
using either FSI1, FSI2 inputs or FFSI1, FFSI2
flags.
s
When the ICKSL, IFM1, or IFM2 setting changes.
s
When the ICLK input system clock stops.
Figure 4. Attenuator operation example
Level 3
Level 1
Level 2
Level 4
Level 5
Time
Gain
∆t
0 dB
—
∞
Table 7. DMUTE operation ON/OFF
DMUT
E
Function
LO W
N o r mal data is output from the next output word (mute
OFF)
HIGH
0 data is output from the next output word (mute ON)
Table 8. Other mute operations
Input
Function
RSTN = LOW
0 data is output from the next
output word (mute ON)
RSTN = HIGH
N o r mal data is output from the
3073rd output word (mute OFF)
FSI1, FSI2 input settings
changed (MCOM = LOW).
FFSI1, FFSI2 input settings
changed (MCOM = HIGH)
0 data is output from the next
output word (mute ON).
N o r mal data is output from the
3073rd output word (mute OFF)
ICKSL, IFM1, IFM2 input
settings change.
ICLK input system clock stops.
0 data is output from the next
output word (mute ON)
ICLK input system clock
restarts.
N o r mal data is output from the
3073rd output word (mute OFF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com