Electronic Components Datasheet Search
  English  ▼

X  

SM5849F Datasheet(PDF) 7 Page - Nippon Precision Circuits Inc

Part # SM5849F
Description  Asynchronous Sample Rate Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5849F Datasheet(HTML) 7 Page - Nippon Precision Circuits Inc

Back Button SM5849F Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 11Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
SM5849AF
NIPPON PRECISION CIRCUITS—7
SPECIFICATIONS
Absolute Maximum Ratings
VSS = 0V
Recommended Operating Conditions
VSS = 0V
DC Electrical Characteristics
VDD = 3.0 to 3.6V, VSS = 0V, Ta = −40 to 85°C
P arameter
Symbol
Rating1
1. Ratings also apply at supply switch ON and OFF.
Unit
Supply voltage range
V DD
−0.3 to 4.0
V
Input voltage range
V IN
V SS − 0.3 to V DD + 0.3
V
Storage temperature range
T stg
−55 to 125
°C
P ow er dissipation
P D
400
m W
P arameter
Symbol
Rating
Unit
Supply voltage range
V DD
3.0 to 3.6
V
Operating temperature range
Topr
−40 to 85
°C
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Current consumption
IDD
No output load
–
7 0
1 0 0
m A
HIGH-level input voltage1
1. Pins ICLK and OCLK.
V IH1
2.0
–
–
V
L O W -level input voltage1
V IL1
–
–
0.8
V
HIGH-level input voltage2
2. Pins DI, BCKI, LRCI, ICKSL, IFM1, IFM2, IWL1, IWL2, DMUTE, MCOM, MDT/FSI1, MCK/FSI2, MLEN/DEEM, OWL1, OWL2, IISN, DITHN,
TST2N, RSTN, T H R UN, SLAVE, OCKSL.
V IH2
2.0
–
–
V
L O W -level input voltage2
V IL2
–
–
0.8
V
HIGH-level output voltage3
3. Pins STATE, LRCO, BCKO , DOUT.
V OH
IOH = −1.0mA
V DD –0.4
–
–
V
L O W -level output voltage3
V OL
IOL = 1.0mA
–
–
0.4
V
HIGH-level input current2
IIH
V IN = V DD
–
–
1.0
µ A
L O W -level input current2
IIL
V IN = 0V
–
–
9 0
µ A
Input leakage current1
ILH
V IN = V DD
–
–
1.0
µ A
ILL
V IN = 0V
–
–
1.0
µ A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com