Electronic Components Datasheet Search
  English  ▼

X  

SM5849F Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # SM5849F
Description  Asynchronous Sample Rate Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5849F Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM5849F Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5849F Datasheet HTML 15Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
SM5849AF
NIPPON PRECISION CIRCUITS—11
Microcontroller interface (MCK, MDT, MLEN)
Reset input (RSTN)
Note: tCY is the system clock input cycle time.
tRST = approximately 3.8µs when tCY = 59ns.
P arameter
Symbol
Rating
Unit
min
typ
m a x
MCK LO W -level pulsewidth
tMCWL
50
–
–
ns
MCK HIGH-level pulsewidth
tMCWH
50
–
–
ns
MDT setup time
tMDS
50
–
–
ns
MDT hold time
tMDH
50
–
–
ns
MLEN LO W -level pulsewidth
tMLW L
50
–
–
ns
MLEN HIGH-level pulsewidth
tMLW H
50
–
–
ns
MLEN setup time
tMLS
50
–
–
ns
MLEN hold time
tMLH
50
–
–
ns
P arameter
Symbol
Rating
Unit
min
typ
m a x
First HIGH-level pulsewidth after supply ON
tHRST
–
640
–
tCY
RSTN pulsewidth
tRST
64
–
–
tCY
MCK
MDT
MLEN
tMDS
tMDH
0.5VDD
0.5VDD
0.5VDD
tMCWL
tMCWH
tMLWL
tMLWH
tMLS
tMLH
RSTN
tHRST
tRST
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com