Electronic Components Datasheet Search
  English  ▼

X  

SM5849 Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # SM5849
Description  Asynchronous Sample Rate Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5849 Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  SM5849 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
SM5849AF
NIPPON PRECISION CIRCUITS—1
NIPPON PRECISION CIRCUITS INC.
Asynchronous Sample Rate Converter
OVERVIEW
The SM5849AF is a digital audio signal, asynchronous sample rate converter LSI. It supports 16/20/24-bit
word length input data, 16/20/24-bit word length output data, 2kHz to 100kHz input sample rate range, and
4kHz to 200kHz output sample rate range. It also features a built-in digital deemphasis filter and digital attenu-
ator.
FEATURES
Functions
s
Left/right-channel processing (stereo)
s
2 to 100kHz input sample rate range (fsi)
s
4 to 200kHz output sample rate range (fso)
s
0.45 to 2.2-times variable sample rate conversion
ratio (fso/fsi)
s
Asynchronous input and output timing (clock
inputs)
s
System clock inputs (input and output clocks inde-
pendent)
• 256fsi or 384fsi input system clock select
• 256fso or 384fso output system clock select
s
Deemphasis filter
• IIR-type filter
• 44.1, 48 or 32kHz
s
Digital attenuator
• 11-bit data, 1025 levels
• Smooth attenuation change
• +12dB gain shift function
s
Direct mute function
s
Through mode operation
• Direct connection from input to output
s
Output data clocks (LRCO, BCKO)
• Slave mode: external input
• Master mode: output system clock generated
internally
s
Dither round-off processing
• Dither round-off ON/OFF selectable
s
3.3V single supply
s
80-pin QFP
s
Silicon-gate CMOS process
Filter Characteristics and Converter Efficiency
s
24-bit internal data word length
s
Deemphasis filter characteristics (IIR filter)
• ±0.03dB gain deviation from ideal filter charac-
teristics
s
Anti-aliasing LPF characteristics
• Output/input sample rate conversion ratio auto-
matic filter select (6 FIR filters)
- Up converter LPF
1.0 to 2.2 times
- Down converter LPF I
0.92 times: 48.0 to 44.1kHz
- Down converter LPF II
0.73 times: 44.1 to 32.0kHz
- Down converter LPF III
0.67 times: 48.0 to 32.0kHz
- Down converter LPF IV
0.5 times: 48.0 to 24.0kHz
- Down converter LPF V
0.45 times: 48.0 to 22.1kHz
• ±0.00005dB passband ripple
• > 110dB stopband attenuation
s
Converter noise levels
•
≤ −110dB internal calculation (quantization)
noise
•
−98dB (16-bit output), −122dB (20-bit output),
and
−146dB (24-bit output) word rounding
noise
s
Output S/N ratio (theoretical values)
Output signal
w ord length
S/N ratio
16-bit input
w ord length
20-bit input
w ord length
24-bit input
w ord length
16 bits
94.8dB
97.7dB
97.7dB
20 bits
97.7dB
109.5dB
109.7dB
24 bits
97.7dB
109.7dB
110dB


Similar Part No. - SM5849

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5849BF NPC-SM5849BF Datasheet
333Kb / 25P
Asynchronous Sample Rate Converter
More results

Similar Description - SM5849

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5844AF NPC-SM5844AF Datasheet
280Kb / 26P
Asynchronous Sample Rate Converter
logo
Burr-Brown (TI)
SRC4184 BURR-BROWN-SRC4184 Datasheet
508Kb / 40P
4-Channel, Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5950AM NPC-SM5950AM Datasheet
346Kb / 20P
Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121 AKM-AK4121 Datasheet
196Kb / 19P
ASYNCHRONOUS SAMPLE RATE CONVERTER
AK4121A AKM-AK4121A Datasheet
437Kb / 19P
Asynchronous Sample Rate Converter
AKD4121A AKM-AKD4121A_07 Datasheet
289Kb / 36P
Asynchronous Sample Rate Converter
logo
Nippon Precision Circui...
SM5849BF NPC-SM5849BF Datasheet
333Kb / 25P
Asynchronous Sample Rate Converter
SM5950BM NPC-SM5950BM Datasheet
374Kb / 22P
Asynchronous Sample Rate Converter
logo
Asahi Kasei Microsystem...
AK4121A AKM-AK4121A_10 Datasheet
374Kb / 20P
Asynchronous Sample Rate Converter
logo
Texas Instruments
SRC4194 TI1-SRC4194_08 Datasheet
666Kb / 43P
4-Channel, Asynchronous Sample Rate Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com