Electronic Components Datasheet Search
  English  ▼

X  

SM5849 Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # SM5849
Description  Asynchronous Sample Rate Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5849 Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  SM5849 Datasheet HTML 1Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 2Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 3Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 4Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
SM5849AF
NIPPON PRECISION CIRCUITS—2
Interfaces
s
Input data format
• 2s-complement, L/R alternating, serial
• IIS/non-IIS format
s
Output data format
• 2s-complement, MSB first, L/R alternating,
serial
• Continuous bit clock
APPLICATIONS
s
Digital audio equipment-interface sample rate
conversion (AV amplifiers, CD-R, DAT, MD and
8mm VTRs)
s
Commercial recording/editing equipment sample
rate conversion
ORDERING INFORMATION
Mode
W ord length
Data position
Data
sequence
1
16 bits
Right justifie d
MSB first
2
Right justifie d
LSB first
3
Left justifie d
MSB first
4
IIS
MSB first
5
20 bits
Right justifie d
MSB first
6
Right justifie d
LSB first
7
Left justifie d
MSB first
8
IIS
MSB first
9
24 bits
Right justifie d
MSB first
1 0
Right justifie d
LSB first
1 1
Left justifie d
MSB first
1 2
IIS
MSB first
Mode
W ord length
IIS selection
Data position
1
16 bits
Nor mal
(non IIS)
Right justifie d
2
20 bits
3
24 bits
4
24 bits
Left justifie d
5
16 bits
IIS
6
20 bits
7
24 bits
D e vice
P a ck ag e
SM5849AF
80-pin QFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com