Electronic Components Datasheet Search
  English  ▼

X  

SM5849 Datasheet(PDF) 12 Page - Nippon Precision Circuits Inc

Part # SM5849
Description  Asynchronous Sample Rate Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5849 Datasheet(HTML) 12 Page - Nippon Precision Circuits Inc

Back Button SM5849 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 15Page - Nippon Precision Circuits Inc SM5849 Datasheet HTML 16Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
SM5849AF
NIPPON PRECISION CIRCUITS—12
Serial outputs (DOUT, BCKO, LRCO)
SLAVE = LOW, CL = 15pF
SLAVE = HIGH, CL = 15pF
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
LRCO pulse cycle
tLOCY
–
1/fso
–
ns
LRCO LO W -level pulsewidth
tLOW L
–
1/2fso
–
ns
LRCO HIGH-level pulsewidth
tLOW H
–
1/2fso
–
ns
B C K O pulse cycle
tBOCY
OCKSL = LOW
–
1/64fso
–
ns
OCKSL = HIGH
–
1/48fso
–
B C K O L OW -level pulsewidth
tBOW L
OCKSL = LOW
–
1/128fso
–
ns
OCKSL = HIGH
–
1/96fso
–
B C K O HIGH-level pulsewidth
tBOW H
OCKSL = LOW
–
1/128fso
–
ns
OCKSL = HIGH
–
1/96fso
–
B C K O to DOUT and LRCO delay
time
tBDH1
B C K O fall to DOUT, LRCO rise
– 5
–
2 0
ns
tBDL1
B C K O fall to DOUT, LRCO fall
– 5
–
2 0
ns
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
B C K O to DOUT delay time
tBDH2
B C K O fall to DOUT rise
0
–
5 0
ns
tBDL2
B C K O fall to DOUT fall
0
–
5 0
ns
DOUT
BCKO
LRCO
tBOCY
0.5VDD
0.5VDD
0.5VDD
t BDH
tBDL
tBOWL
tBOWH
t BDH1, tBDL1
tBDH2, tBDL2
tLOWH
tLOWL
LOCY
t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com