Electronic Components Datasheet Search
  English  ▼

X  

MT90221AL Datasheet(PDF) 21 Page - Mitel Networks Corporation

Part # MT90221AL
Description  Quad IMA/UNI PHY Device
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90221AL Datasheet(HTML) 21 Page - Mitel Networks Corporation

Back Button MT90221AL Datasheet HTML 17Page - Mitel Networks Corporation MT90221AL Datasheet HTML 18Page - Mitel Networks Corporation MT90221AL Datasheet HTML 19Page - Mitel Networks Corporation MT90221AL Datasheet HTML 20Page - Mitel Networks Corporation MT90221AL Datasheet HTML 21Page - Mitel Networks Corporation MT90221AL Datasheet HTML 22Page - Mitel Networks Corporation MT90221AL Datasheet HTML 23Page - Mitel Networks Corporation MT90221AL Datasheet HTML 24Page - Mitel Networks Corporation MT90221AL Datasheet HTML 25Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 114 page
background image
MT90221
13
location is transmitted in all ICP cells, Stuff
Cells and Filler cells sent on all the links that
are part of the corresponding TX IMA group
•
Byte 7 - the TX Link ID register is used to set
the Link Logical ID and the cell type is
determined by the internal controller on a per
link basis
•
Byte 8 - the frame sequence number is
controlled by an internal counter
•
Byte 9 - the TX ICP Cell Offset register is used
to set the value. This value is inserted on a per
link basis
•
Byte 10 - the link Stuff indication is inserted
automatically and the advance indication option
is programmed by the TX IMA Control register
on a per link basis
•
Byte 11 - the SCCI is controlled by internal
circuitry. The SCCI is incremented by one for
each transfer of the TX ICP cell from the buffer
area to the TX Cell RAM.
•
Byte 13 - the value of M is programmed through
the TX Group Control Mode register
•
Byte 14 - the TX Group Control Mode register
is used to set the Transmit Timing Information
and define the reference link
•
Bytes 52 and 53 - the calculated CRC-10 Error
Control bits are inserted automatically
Software controls all remaining bytes of the ICP
cells. It also maintains and updates all bytes that are
not directly controlled by the MT90221. A dedicated
address is reserved for each ICP cell byte for each of
the four IMA Groups. This permits direct access to
any of the bytes stored in each of the four ICP Cell
registers. Refer to Table 2, ICP Cell Description, for
details on the ICP cell byte contents.
To avoid updating or corruption problems, the
internal copy of the ICP Cell cannot be directly
accessed. ICP cells are prepared in a buffer area
(RAM inside the MT90221) and transfer commands
are issued to copy the content of the ICP cell into the
internal Cell RAM area and to start using this new
ICP cell. The MT90221 uses a flag (status bit) to
indicate that this transfer is underway. Changes
should not be made to the content of the ICP cell in
the buffer area until the transfer to the internal
memory is complete. The status bit is cleared during
the transfer and returns to ’1’ on completion of the
transfer. IMA Groups are controlled independently.
When access to the ICP cell of one group is
prohibited, the other ICP cell buffer areas can still be
updated. The TX ICP Cell Handler and TX ICP
Interrupt Enable registers are used to initiate a
transfer and enable an optional interrupt to indicate
when the process is complete.
Table 2 - ICP Cell Description
Byte
Description
Control Source
1-5
ICP Cell Header
Content of Header is under S/W control. The HEC is calculated by H/W.
6
OAM label
S/W control
7
Cell ID, Link ID
The Link ID is programmed through other registers and inserted by H/W
8
IMA Frame Sequence
Hardware Control
9
ICP Cell Offset
H/W Control. (Programmed by S/W through other registers)
10
Link Stuff Indication
H/W Control
11
Status Change Indic.
H/W Control
12
IMA ID
S/W Control
13
Group Status and Control
S/W Control except for value of M
14
Sync. Info.
H/W Control (Programmed by S/W through other registers)
15
Test Control
S/W Control
16
TX Test Pattern
S/W Control
17
RX Test Pattern
S/W Control
18-49
Link Status and Control
S/W Control
50
Unused
S/W Control
51
End-to-End Channel
S/W Control
52-53
CRC Error Control
H/W Calculation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com