Electronic Components Datasheet Search
  English  ▼

X  

MT90221AL Datasheet(PDF) 49 Page - Mitel Networks Corporation

Part # MT90221AL
Description  Quad IMA/UNI PHY Device
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90221AL Datasheet(HTML) 49 Page - Mitel Networks Corporation

Back Button MT90221AL Datasheet HTML 45Page - Mitel Networks Corporation MT90221AL Datasheet HTML 46Page - Mitel Networks Corporation MT90221AL Datasheet HTML 47Page - Mitel Networks Corporation MT90221AL Datasheet HTML 48Page - Mitel Networks Corporation MT90221AL Datasheet HTML 49Page - Mitel Networks Corporation MT90221AL Datasheet HTML 50Page - Mitel Networks Corporation MT90221AL Datasheet HTML 51Page - Mitel Networks Corporation MT90221AL Datasheet HTML 52Page - Mitel Networks Corporation MT90221AL Datasheet HTML 53Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 114 page
background image
MT90221
41
7.1
Utopia Register Description
Tables 12 to 22 describe the UTOPIA registers.
Address (Hex):
000 - 003
Direct access
1 register per link in UNI mode. The TxClk signal must be active for correct
register operation.
Reset Value (Hex):
00
Bit #
Type
Description
7:5
R
Unused. Read all 0’s.
4:0
R/W
UTOPIA PHY Address of Link N when in UNI.
Table 12- UTOPIA Input Link Address Registers
Address (Hex):
008 - 00B
Direct access
11 reg. per IMA Group. The TxClk signal must be active for correct register
operation
Reset Value (Hex):
00
Bit #
Type
Description
7:5
R
Unused. Read all 0’s.
4:0
R/W
UTOPIA PHY Address of IMA Group N.
Table 13 - UTOPIA Input Group Address Registers
Address (Hex):
00C
Direct access
1 register to enable the links in UNI mode. The TxClk signal must be active for
correct register operation
Reset Value (Hex):
00
Bit #
Type
Description
7-4
R/W
Reserved.Write 0 for normal operation
3
R/W
Enable UTOPIA PHY address of link 3. A 1 enables the PHY port Address. UNI mode.
2
R/W
Enable UTOPIA PHY address of link 2. A 1 enables the PHY port Address. UNI mode.
1
R/W
Enable UTOPIA PHY address of link 1. A 1 enables the PHY port Address. UNI mode.
0
R/W
Enable UTOPIA PHY address of link 0. A 1 enables the PHY port Address. UNI mode.
Table 14 - UTOPIA Input Link PHY Enable Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com