Electronic Components Datasheet Search
  English  ▼

X  

MT90221AL Datasheet(PDF) 46 Page - Mitel Networks Corporation

Part # MT90221AL
Description  Quad IMA/UNI PHY Device
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT90221AL Datasheet(HTML) 46 Page - Mitel Networks Corporation

Back Button MT90221AL Datasheet HTML 42Page - Mitel Networks Corporation MT90221AL Datasheet HTML 43Page - Mitel Networks Corporation MT90221AL Datasheet HTML 44Page - Mitel Networks Corporation MT90221AL Datasheet HTML 45Page - Mitel Networks Corporation MT90221AL Datasheet HTML 46Page - Mitel Networks Corporation MT90221AL Datasheet HTML 47Page - Mitel Networks Corporation MT90221AL Datasheet HTML 48Page - Mitel Networks Corporation MT90221AL Datasheet HTML 49Page - Mitel Networks Corporation MT90221AL Datasheet HTML 50Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 114 page
background image
MT90221
38
7.0 Register Descriptions
Address
(Hex)
Access
Type
Reset
Value
(Hex)
Table #
Description
000 - 003
D
00
12
UTOPIA Input Link Address Registers
008 - 00B
D
00
13
UTOPIA Input Group Address Registers
00C
D
00
14
UTOPIA Input Link PHY Enable Register
00D
D
00
15
UTOPIA Input Group PHY Enable Register
00E
D
00
16
UTOPIA Input Control Register.
040 - 043
D
00
17
UTOPIA Output Link Address Registers
048 - 04B
D
00
18
UTOPIA Output Group Address Registers
04C
D
00
19
UTOPIA Output Link PHY Enable Register
04D
D
00
20
UTOPIA Output Group PHY Enable Register
205
D
00
21
RX UTOPIA IMA Group FIFO Overflow Enable Register
221
D
00
22
RX UTOPIA Link FIFO Overflow Enable Register
140
D
00
23
TX Cell RAM Control Register
150
D
00
24
TX UTOPIA FIFO Level
14A
D
33
25
TX FIFO Length Definition Register 1
14B
D
33
26
TX FIFO Length Definition Register 2
14C
D
33
27
TX FIFO Length Definition Register 3
14D
D
33
28
TX FIFO Length Definition Register 4
14E
D
33
29
TX FIFO Length Definition Register 5
14F
D
33
30
TX FIFO Length Definition Register 6
0C0 - 0C3
D
58
31
TX Group Control Mode Register
0DD - 0E0
D
link #
32
TX Link ID Registers
0C4 - 0C7
D
link #
33
TX ICP Cell Offset Registers
200 - 203
D
05
34
TX IDCR Integration Registers
0CC - 0CF
D
04
35
TX Link Control Registers
0D4-0D7
D
29
36
TX IMA Control Register
0EF
D
00
37
TX IMA Mode Status Register
148
D
0F
38
TX ICP Cell Handler Register
149
D
00
39
TX ICP Cell Interrupt Enable Register
300, 340, 380,
3C0
D
SEE
TABLE
40
TX ICP Cell Registers (access to ICP cell bytes)
100 - 103
D
0C
41
RX Link Control Registers
109
D
67
42
Cell Delineation Register
108
D
0C
43
Loss Cell Delineation Register
10A
D
91
44
IMA Frame Definition Register
10C - 10F
D
01
45
RX OAM Label
115
D
00
46
RX OIF Status Register
116
D
00
47
RX OIF Counter Clear Command Register
117
D
00
48
RX Load Values/Link Select Register
118
D
00
49
RX Link IMA ID Registers
Table 11 - Register Summary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com