Electronic Components Datasheet Search
  English  ▼

X  

MT9092AP Datasheet(PDF) 30 Page - Mitel Networks Corporation

Part # MT9092AP
Description  ISO2-CMOS ST-BUS??FAMILY Digital Telephone with HDLC (HPhone-II)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9092AP Datasheet(HTML) 30 Page - Mitel Networks Corporation

Back Button MT9092AP Datasheet HTML 26Page - Mitel Networks Corporation MT9092AP Datasheet HTML 27Page - Mitel Networks Corporation MT9092AP Datasheet HTML 28Page - Mitel Networks Corporation MT9092AP Datasheet HTML 29Page - Mitel Networks Corporation MT9092AP Datasheet HTML 30Page - Mitel Networks Corporation MT9092AP Datasheet HTML 31Page - Mitel Networks Corporation MT9092AP Datasheet HTML 32Page - Mitel Networks Corporation MT9092AP Datasheet HTML 33Page - Mitel Networks Corporation MT9092AP Datasheet HTML 34Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
MT9092
7-32
Applications
To maintain a fully differential topology in the
transmit path the suggested connection scheme for
the transmit microphones is shown in Figure 8.
However, it is possible to use a single-ended
arrangement as shown in Figure 9 for the transmit
interface. In this case the dynamic range of the
MT9092 is reduced by half. In both figures the output
drivers are connected in a fully differential manner.
The MT9092 is a member of the Mitel family of digital
terminal equipment components. There are two
transmisssion devices which connect directly with
the MT9092 to complete an application; the MT8930
(SNIC) and the MT8971/72 (DSIC/DNIC). An ISDN
4-wire
"TE"
function
is
implemented
with
the
MT8930/MT9092 combination. A 2-wire digital phone
for
PABX,
key-systems
and
other
proprietary
applications is implemented with the MT8971/72/
MT9092 combination.
Figures 10 and 11 show the 4-wire and 2-wire
applications, respectively.
Figure 8 - Application Circuit - fully differential audio input
ST-BUS
Port
to
Transmission
Device
Serial
Microport
INTEL
MCS-51
DSTi
DSTo
C4i
F0i
IRQ
SCLK
DATA2
DATA1
CS
WD
6
5
4
3
2
1
44
43 42
41 40
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22 23
24 25
26 27
28
29
30
31
32
33
34
35
36
37
38
39
LCD
MT9092
+5V
0.1
µF
0.1
µF
VBias
2R
T
Av = 1+
R
R
+
-
-
+
T
100K
VBias
100K
0.1
µF
+5V
330
Ω
511
Ω
+
10
µF
+
Electret
Microphone
511
Ω
+
-
R
2R
T
Av = 1+
R
+
-
T
100K
VBias
100K
0.1
µF
+5V
330
Ω
511
Ω
+
10
µF
+
Electret
Microphone
511
Ω
0.1
µF
+40
Ω nom.
32
Ω min.
150
Ω
75
Ω
+5V
75
Ω
.1
µF 1000pF
1000pF
1000pF caps
are optional
LCD
Note: Single-ended configurations reduce
dynamic range by a factor of two.
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com