Electronic Components Datasheet Search
  English  ▼

X  

MT9092AP Datasheet(PDF) 35 Page - Mitel Networks Corporation

Part # MT9092AP
Description  ISO2-CMOS ST-BUS??FAMILY Digital Telephone with HDLC (HPhone-II)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9092AP Datasheet(HTML) 35 Page - Mitel Networks Corporation

Back Button MT9092AP Datasheet HTML 31Page - Mitel Networks Corporation MT9092AP Datasheet HTML 32Page - Mitel Networks Corporation MT9092AP Datasheet HTML 33Page - Mitel Networks Corporation MT9092AP Datasheet HTML 34Page - Mitel Networks Corporation MT9092AP Datasheet HTML 35Page - Mitel Networks Corporation MT9092AP Datasheet HTML 36Page - Mitel Networks Corporation MT9092AP Datasheet HTML 37Page - Mitel Networks Corporation MT9092AP Datasheet HTML 38Page - Mitel Networks Corporation MT9092AP Datasheet HTML 39Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
MT9092
7-37
* Excluding PWRST which is a Schmitt Trigger Input.
Note 1: Power delivered to the load is in addition to the bias current requirements.
Note 2: IDDFT is not additive to IDDC1.
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
1
Supply Voltage
VDD-VSS
-0.3
7
V
2
Voltage on any I/O pin
VI/VO
VSS-0.3
VDD+0.3
V
3
Current on any I/O pin (transducers excluded)
II/IO
±20
mA
4
Storage Temperature
TS
-65
+150
°C
5
Power Dissipation (package)
Plastic
PD
750
mW
6
Static Discharge
ESD
±2.0
KV
7
Latch-up Current
ILU
±100
mA
Recommended Operating Conditions - Voltages are with respect to V
SS unless otherwise stated.
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Supply Voltage
VDD
4.75
5
5.25
V
2
Input Voltage (high) *
VIH
2.4
VDD
V
Noise margin = 400mV
3
Input Voltage (low) *
VIL
VSS
0.4
V
Noise margin = 400mV
4
Operating Temperature
TA
-40
+85
°C
5
Clock Frequenecy (C4i)fCLK
4092
4096
4100
kHz
Power Characteristics
Characteristics
Sym
Min
Typ
Max
Units
Test Conditions
1
Supply Current (clock enabled, all
functions off
IDDC1
6mA
2
Supply Current by function
Filter/Codec
HDLC
DSP
Handset Driver (bias only, no signal)
Speaker Driver (bias only, no signal)
Timing Control, C-Channel, ST-BUS,
etc.
Total all functions enabled
IDDF1
IDDF2
IDDF3
IDDF4
IDDF5
IDDF6
IDDFT
1.5
1.0
1.5
1.5
1.5
1.0
8.0
14
mA
mA
mA
mA
mA
mA
mA
See Note 1.
See Note 1.
See Note 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com