Electronic Components Datasheet Search
  English  ▼

X  

MT9092AP Datasheet(PDF) 6 Page - Mitel Networks Corporation

Part # MT9092AP
Description  ISO2-CMOS ST-BUS??FAMILY Digital Telephone with HDLC (HPhone-II)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9092AP Datasheet(HTML) 6 Page - Mitel Networks Corporation

Back Button MT9092AP Datasheet HTML 2Page - Mitel Networks Corporation MT9092AP Datasheet HTML 3Page - Mitel Networks Corporation MT9092AP Datasheet HTML 4Page - Mitel Networks Corporation MT9092AP Datasheet HTML 5Page - Mitel Networks Corporation MT9092AP Datasheet HTML 6Page - Mitel Networks Corporation MT9092AP Datasheet HTML 7Page - Mitel Networks Corporation MT9092AP Datasheet HTML 8Page - Mitel Networks Corporation MT9092AP Datasheet HTML 9Page - Mitel Networks Corporation MT9092AP Datasheet HTML 10Page - Mitel Networks Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
MT9092
7-8
To facilitate this the VRef and VBias pins are situated
on adjacent pins.
The transmit filter is designed to meet CCITT G.714
specifications. The nominal gain for this filter path is
0dB (gain control = 0dB).
An anti-aliasing filter is
included.
This
is
a
second
order
lowpass
implementation with a corner frequency at 25kHz.
Attenuation is better than 32dB at 256 kHz and less
than 0.01dB within the passband.
An optional 400Hz high-pass function may be
included into the transmit path by enabling the Tfhp
bit in the Transducer Control Register (address 0Eh).
This option allows the reduction of transmitted
background noise such as motor and fan noise.
The receive filter is designed to meet CCITT G.714
specifications. The nominal gain for this filter path is
0 dB (gain control = 0dB). Filter response is peaked
to compensate for the sinx/x attenuation caused by
the 8kHz sampling rate.
The Rx filter function can be altered by enabling the
DIAL EN control bit in the Transducer Control
Register
(address
0Eh).
This
causes
another
lowpass function to be added, with a 3dB point at
1000Hz. This function is intended to improve the
sound
quality
of
digitally
generated
dial
tone
received as PCM.
Transmit sidetone is derived from the Tx filter and is
subject to the gain control of the Tx filter section.
Sidetone is summed into the receive path after the
Rx filter gain control section so that Rx gain
adjustment will not affect sidetone levels. The side-
tone path may be enabled/disabled with the SIDE
EN bit located in the Transducer Control Register
(address 0Eh). See also STG0-STG2 (address 0Bh).
Transmit and receive filter gains are controlled by the
TxFG0-TxFG2
and
RxFG0-RxFG2
control
bits
respectively. These are located in the FCODEC Gain
Control Register 1 (address 0Ah). Transmit filter gain
is adjustable from 0dB to +7dB and receive filter gain
from 0dB to -7dB, both in 1dB increments.
Side-tone filter gain is controlled by the STG0-STG2
control bits located in the FCODEC Gain Control
Register
2
(address
0Bh).
Side-tone
gain
is
adjustable from -9.96dB to +9.96dB in 3.32dB
increments.
Law selection for the Filter/CODEC is provided by
the A/µ companding control bit while the coding
scheme is controlled by the sign-mag/CCITT bit.
Both of these reside in the General Control Register
(address 0Fh).
Digital Signal Processor
The DSP block is located, functionally, between the
serial ST-BUS port and the Filter/CODEC block. Its
main purpose is to provide both a digital gain control
and a half-duplex handsfree switching function. The
DSP will also generate the digital patterns required
to produce standard DTMF signalling tones as well
as single tones and a tone ringer output. A
programmable (ON/OFF) offset null routine may also
be performed on the transmit PCM data stream. The
DSP can generate a ringer tone to be applied to the
speakerphone
speaker
during
normal
handset
operation so that the existing call is not interrupted.
The main functional control of the DSP is through
two hardware registers which are accessible at any
time via the microport. These are the Receive Gain
Control Register at address 1Dh and the DSP
Control Register at address 1Eh. In addition, other
functional control is accomplished via multiple RAM-
based registers which are accessible only while the
DSP is held in a reset state. This is accomplished
with the DRESET bit of the DSP Control Register.
Ram-based registers are used to store transmit gain
levels (20h for transmit PCM and 21h for transmit
DTMF levels), the coefficients for tone and ringer
generation (addresses 23h and 24h), and tone ringer
warble rates (address 26h). All undefined addresses
below 20h are reserved for the temporary storage of
interim variables calculated during the execution of
the DSP algorithms. These undefined addresses
should not be written to via the microprocessor port.
The DSP can be programmed to execute the
following
micro-programs
which
are
stored
in
instruction ROM, (see PS0 to PS2, DSP Control
Register, address
1Eh).
All program execution
begins at the frame pulse boundary.
PS2
PS1
PS0
Micro-program
0
0
0
Power up reset program
0
0
1
Transmit and receive gain control
program; with autonulling of the
transmit PCM, if the AUTO bit is
set (see address 1Dh)
0
1
0
DTMF generation plus transmit
and
receive
gain
control
program (autonull available via
the AUTO control bit)
0
1
1
Tone ringer plus transmit and
receive
gain
control
program
(autonull
available
via
the
AUTO control bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com