Electronic Components Datasheet Search
  English  ▼

X  

MT9092AP Datasheet(PDF) 39 Page - Mitel Networks Corporation

Part # MT9092AP
Description  ISO2-CMOS ST-BUS??FAMILY Digital Telephone with HDLC (HPhone-II)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9092AP Datasheet(HTML) 39 Page - Mitel Networks Corporation

Back Button MT9092AP Datasheet HTML 34Page - Mitel Networks Corporation MT9092AP Datasheet HTML 35Page - Mitel Networks Corporation MT9092AP Datasheet HTML 36Page - Mitel Networks Corporation MT9092AP Datasheet HTML 37Page - Mitel Networks Corporation MT9092AP Datasheet HTML 38Page - Mitel Networks Corporation MT9092AP Datasheet HTML 39Page - Mitel Networks Corporation MT9092AP Datasheet HTML 40Page - Mitel Networks Corporation MT9092AP Datasheet HTML 41Page - Mitel Networks Corporation MT9092AP Datasheet HTML 42Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
MT9092
7-41
† AC Electrical Characteristics are over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
† Electrical Characteristics are over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
† Electrical Characteristics are over recommended temperature range & recommended power supply voltages.
‡ Typical figures are at 25
°C and are for design aid only: not guaranteed and not subject to production testing.
AC Electrical Characteristics† for New Call Tone
Characteristics
Sym
Typ‡
Units
Test Conditions
1
New Call Tone Output voltage
(SPKR+ to SPKR-)
VNCT1
VNCT2
VNCT3
VNCT4
6.0
2.390
0.950
0.380
Vp-p
Vp-p
Vp-p
Vp-p
NCTG0=0, NCTG1=0
NCTG0=1, NCTG1=0
NCTG0=0, NCTG1=1
NCTG0=1, NCTG1=1
load > 34 ohms across SPKR±
Electrical Characteristics† for Analog Outputs
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Earpiece load impedance
EZL
260
300
ohms
across HSPKR±
2
Allowable Earpiece capacitive
load
ECL
300
pF
each pin:
HSPKR+
HSPKR-
3
Earpiece harmonic distortion
ED
0.5
%
300 ohms load across
HSPKR± (tol-15%),
Vo≤6.2Vp-p,RxA/u=1,
Rx gain=0dB
4
Speaker load impedance
SZL
34
40
ohms
across SPKR±
5
Allowable Speaker capacitive
load
SCL
300
pF
each pin
SPKR+
SPKR-
6
Speaker harmonic distortion
SD
0.5
%
40 ohms load across SPKR±
(tol-15%),
VO≤6.2Vp-p, Rx gain=0dB
Electrical Characteristics† for Analog Inputs
Characteristics
Sym
Min
Typ‡
Max
Units
Test Conditions
1
Differential input voltage without
overloading CODEC
VID
2.87
1.02
Vp-p
Vp-p
MICA/u=0, A/u=0
MICA/u=0, A/u=1
across MIC± or M± inputs,
Tx filter gain = 0dB setting
2
Input impedance
ZI
50
k
Ω
MIC+, MIC-, M+ or M-
to VSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com