Electronic Components Datasheet Search
  English  ▼

X  

SP5668 Datasheet(PDF) 8 Page - Mitel Networks Corporation

Part # SP5668
Description  2.7GHz 3-Wire Bus Controlled Synthesiser
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

SP5668 Datasheet(HTML) 8 Page - Mitel Networks Corporation

Back Button SP5668 Datasheet HTML 4Page - Mitel Networks Corporation SP5668 Datasheet HTML 5Page - Mitel Networks Corporation SP5668 Datasheet HTML 6Page - Mitel Networks Corporation SP5668 Datasheet HTML 7Page - Mitel Networks Corporation SP5668 Datasheet HTML 8Page - Mitel Networks Corporation SP5668 Datasheet HTML 9Page - Mitel Networks Corporation SP5668 Datasheet HTML 10Page - Mitel Networks Corporation SP5668 Datasheet HTML 11Page - Mitel Networks Corporation SP5668 Datasheet HTML 12Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
SP5668
APPLICATION NOTES
A generic set of application notes AN168 for designing with
synthesisers such as the SP5668 has been written. This
covers aspects such as loop filter design and decoupling. This
application note is also featured in the Media IC Handbook.
A generic test/demo board has been produced which can
be used for the SP5668. A circuit diagram is shown in Fig. 8.
The board can be used for the following purposes:
(A)
Measuring RF sensitivity performance.
(B)
Indicating port function
(C)
Synthesising a voltage controlled oscillator
(D)
Testing of external reference sources
Fig. 8 Evaluation board
1
14
EXTERNAL REFERENCE
SKT2
10nF
*(NOT FITTED)
C7
C2
15nF
R6 13K3
C3
68pF
+5V
P2
+12V
C10
C9
100nF
R2
22K
C11 100nF
R9
16K
R10
C14
2n2F
VAR
GND
T1
BCW31
13
12
11
10
9
8
2
3
4
5
6
7
C3
1nF
C5
1nF
SKT1
RF INPUT
C4
10nF
D5
D4
D2
D1
C6 18pF
X1 4MHz
P1
C12
100pF
C13
100pF
ENABLE
DATA / SDA
CLOCK / SCL
8
+30V
PIN NO : 7
LOCK
C8
39pF
15
16
REFERENCE
OUTPUT
SKT
SW1
100nF
47
µF
47
µF
47K
SW2
LOCK
P0
P1
P2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com